Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT2113 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT2113
Description  18V/3A Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2113 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT2113_14 Datasheet HTML 1Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 2Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 3Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 4Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 5Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 6Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 7Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 8Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ACT2113
Rev 3, 23-May-12
®
Innovative PowerTM
- 3 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
UNIT
IN to GND
-0.3 to + 20
V
SW to GND
-1 to VIN + 1
V
HSB to GND
VSW - 0.3 to VSW + 6
V
FB, EN, COMP to GND
-0.3 to + 6
V
Continuous SW Current
Internally limited
A
Junction to Ambient Thermal Resistance
46
˚C/W
Maximum Power Dissipation
0.76
W
Operating Junction Temperature
-40 to 150
˚C
Storage Junction
-55 to 150
˚C
Lead Temperature (Soldering 10 sec.)
300
˚C
: Do not exceed these limits to prevent damage to the device. Exposure to Absolute Maximum Rating conditions for long periods may
affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com