Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT8600 Datasheet(PDF) 36 Page - Active-Semi, Inc

Part # ACT8600
Description  Advanced PMU for Ingenic JZ4760/60B/70 Processors
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8600 Datasheet(HTML) 36 Page - Active-Semi, Inc

Back Button ACT8600 Datasheet HTML 32Page - Active-Semi, Inc ACT8600 Datasheet HTML 33Page - Active-Semi, Inc ACT8600 Datasheet HTML 34Page - Active-Semi, Inc ACT8600 Datasheet HTML 35Page - Active-Semi, Inc ACT8600 Datasheet HTML 36Page - Active-Semi, Inc ACT8600 Datasheet HTML 37Page - Active-Semi, Inc ACT8600 Datasheet HTML 38Page - Active-Semi, Inc ACT8600 Datasheet HTML 39Page - Active-Semi, Inc ACT8600 Datasheet HTML 40Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
ACT8600
Rev 3, 15-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 36 -
www.active-semi.com
I
2C Interface
The ACT8600 features an I2C interface that allows
advanced programming capability to enhance overall
system performance. To ensure compatibility with a
wide range of system processors, the I2C interface
supports clock speeds of up to 400kHz (“Fast-Mode”
operation) and uses standard I2C commands. I2C
write-byte commands are used to program the
ACT8600, and I2C read-byte commands are used to
read the ACT8600’s internal registers. The ACT8600
always operates as a slave device, and is addressed
using a 7-bit slave address followed by an eighth bit,
which indicates whether the transaction is a read-
operation or a write-operation, [1011010x].
SDA is a bi-directional data line and SCL is a clock
input. The master device initiates a transaction by
issuing a START condition, defined by SDA
transitioning from high to low while SCL is high. Data
is transferred in 8-bit packets, beginning with the
MSB, and is clocked-in on the rising edge of SCL.
Each packet of data is followed by an “Acknowledge”
(ACK) bit, used to confirm that the data was
transmitted successfully.
For more information regarding the I2C 2-wire serial
interface, go to the NXP website: http://www.nxp.com.
Interrupt Service Routine
The ACT8600 has number of interrupt trigger sources
to simplify the customer interrupt service routine, the
ACT8600 features a Interrupt Service Routine
function as follow: Once the nIRQ asserts low, the
CPU can read the 0xC1 byte to determine the source
that asserts the interrupt. The CPU then reads the
interrupt –related bit(s) within the source located at
generated the interrupt then serve it. If there are
multiple interrupts and pending, the cycle repeats until
all the interrupts are served. The Global Interrupt
Address is shown as Table 2.
Table 2:
Global Interrupt Address
Housekeeping Functions
Programmable System Voltage Monitor
The ACT8600 features a programmable system-
voltage monitor, which monitors the voltage at VSYS
and compares it to a programmable threshold
voltage. The VSYSMON comparator is designed to
be immune to VSYS noise resulting from switching,
load transients, etc. The VSYSMON comparator is
disable by default; to enable it, set the SYSLEV[3:0]
register to one of the value in Table 3. Note that
there is a 200mV hysteresis between the rising and
falling
threshold
for
the
comparator.
The
VSYSDAT [-] bit reflects the output of the VSYSMON
comparator. The value of VSYSDAT[ ] is 1 when
VVSYS < SYSLEV; value is 0 otherwise.
The VSYSMON comparator can generate an
interrupt when VVSYS is lower than SYSLEV[ ]
voltage. The interrupt is masked by default by can be
unmasked by setting nSYSLEVMSK[ ] = 1.
FUNCTIONAL DESCRIPTION
0xC1 Value
Interrupt
Source
Interrupt
Address
0x00
SYSTEM
0x00
0x10
REG1
0x12
0x20
REG2
0x22
0x30
REG3
0x32
0x50
REG5
0x51
0x60
REG6
0x61
0x70
REG7
0x71
0x80
REG8
0x81
0xA0
APCH
0xA8, 0xA9
0xB0
OTG
0xB0, 0xB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com