Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SK1040C Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SK1040C
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SK1040C Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SK1040C Datasheet HTML 1Page - PACELEADER INDUSTRIAL SK1040C Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
VOLTAGE - 40 TO 100 VOLTS
CURRENT - 10 AMPERES
FEATURES
MECHANICAL DATA
o
Ratings at 25 C ambient temperature unless otherwise specified
Resistive or inductive load
SMC/DO-214AB
Dimensions in inches and (millimeters)
.002(.051)
.008(.203)
.006(.152)
.012(.305)
.305(7.75)
.320(8.13)
.079(2.00)
.103(2.62)
.030(0.76)
.050(1.27)
.260(6.60)
.280(7.11)
.220(5.59)
.245(6.22)
.108(2.75)
.128(3.25)
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
www.paceleader.tw
SK 1040C thru SK 10100C
4
Low profile package
Ideal for automated placement
Guard Ring for over voltage protection
Low forward voltage drop
Component in accordance to RoHS 2002/95/EC
‧
Case: DO-214AB (SMC)
‧
Case Material: Molded Plastic. UL
Flammability Classification Rating 94V-0
‧
Terminals: Lead Free Plating (Tin Finish).
Solderable per MIL-STD-202, Method 208
‧
Polarity: Cathode Band
‧
Weight: 0.231 grams (approximate)
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
IF
A
VF
V
CJ
pF
RθJC
°C/W
TJ
°C
TSTG
°C
NOTES:1.Measured at 1.0MHZ and applied reverse voltage of 4.0V DC
380
Typical thermal resistance
Typical junction capacitance(NOTE1)
0.5
0.2
15.0
25.0
60
42
60
100
70
100
40
28
40
PARAMETER
Operating temperature range
Storage temperature range
10.0
IFSM
150.0
-65 to +150
Maximum repetitive peak reverse voltage
75
IR
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Peak forward surge current, 8.3ms single half
-50 to +125
A
0.55
sine-wave superimposed on rated load
Maximum instantaneous IF=10A @ 25°C
mA
Maximum DC reverse current @ TA=25°C
at rated DC blocking voltage
@ TA=100°C
0.85
0.70
SK1040C
SK1060C
SK10100C


Similar Part No. - SK1040C

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
SK1040 CHENG-YI-SK1040 Datasheet
141Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
SK1040D DYELEC-SK1040D Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
SK1040D ZSELEC-SK1040D Datasheet
149Kb / 2P
10.0A SCHOTTKY BARRIER DIODE
logo
Inchange Semiconductor ...
SK1040D ISC-SK1040D Datasheet
272Kb / 2P
Schottky Barrier Rectifier
logo
Diotec Semiconductor
SK1040D1 DIOTEC-SK1040D1 Datasheet
81Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
More results

Similar Description - SK1040C

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com