Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STF20NM65N Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF20NM65N
Description  N-channel 650 V, 0.250 Ω, 15 A TO-220, TO-220FP second generation MDmesh™ Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF20NM65N Datasheet(HTML) 3 Page - STMicroelectronics

  STF20NM65N Datasheet HTML 1Page - STMicroelectronics STF20NM65N Datasheet HTML 2Page - STMicroelectronics STF20NM65N Datasheet HTML 3Page - STMicroelectronics STF20NM65N Datasheet HTML 4Page - STMicroelectronics STF20NM65N Datasheet HTML 5Page - STMicroelectronics STF20NM65N Datasheet HTML 6Page - STMicroelectronics STF20NM65N Datasheet HTML 7Page - STMicroelectronics STF20NM65N Datasheet HTML 8Page - STMicroelectronics STF20NM65N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STP20NM65N, STF20NM65N
Electrical ratings
Doc ID 13845 Rev 2
3/16
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220
TO-220FP
VDS
Drain source voltage
650
V
VGS
Gate source voltage
± 25
V
ID
Drain current continuous TC =25 °C
15
15(1)
1.
Limited only by maximum temperature allowed.
A
ID
Drain current continuous TC =100 °C
9.45
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current pulsed
60
A
PTOT
Total dissipation at TC=25 °C
125
30
W
dv/dt (3)
3.
ISD ≤15 A, di/dt ≤400 A/µs, VDS peak ≤V(BR)DSS, VDD = 80 % V(BR)DSS.
Peak diode recovery voltage slope
15
V/ns
VISO
Insulation withstand voltage (RMS) from
all three leads to external heatsink
(t=1 s; TC = 25 °C)
2500
V
Tstg
TJ
Storage temperature
Max. operating junction temperature
-55 to 150
150
°C
Table 3.
Thermal data
Symbol
Parameters
Value
Unit
TO-220
TO-220FP
Rthjc
Thermal resistance junction-case max.
1
4.17
°C/W
Rthja
Thermal resistance junction-ambient
max.
62.50
°C/W
TJ
Max. lead temperature for soldering
purposes
300
°C
Table 4.
Avalanche characteristics
Symbol
Parameters
Value
Unit
IAS
Avalanche current, repetitive or not-
repetitive (pulse width limited by Tj max)
4A
EAS
Single pulse avalanche energy (starting
TJ = 25 °C, ID = IAR, VDD = 50 V)
115
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com