Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX100798 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX100798
Description  BIX Cross-Connect System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX100798 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX100798 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX100798 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX100798 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX100798 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX100798 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX100798 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
COMMERCIAL
NETWORKING
—
COPPER
15.13
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
BIX Cross-Connect System
Distribution Connectors, Multiplying Connectors
and Modular Jack Connectors
BIX Distribution Connector
The BIX Distribution Connector is a 25-pair connector. The connector's symmetrical construction
allows termination of cables on one side and cross-connect jumper wires or BIX Patch Cords on the
other. Each BIX connector is equipped with 50 double-ended Insulation Displacement Connection (IDC)
clips for terminating plastic insulated solid copper conductors without stripping and pair splitters on
each side of the connector facilitate wire insertion.
BIX Multiplying Connector
BIX Multiplying Connectors are used to generate multiple outputs from a single input. Construction of
these connectors is identical to that of BIX Distribution Connectors, except for the IDC clips which are
bridged. BIX Multiplying Connectors are typically used in voice applications.
The QCBIX2A Connector is built using 24 sets of bridged clips (2 clips each). It is used to terminate
various facilities where multiples of 2 are required.
The QCBIX5A Connector is built using 10 sets of bridged clips (5 clips each). It is used for multiple
jumper connections to the same equipment.
The QCBIX7A Connector is built using 10 sets of bridged clips (four 2-clip and six 7-clip bridged
arrangements). It is primarily intended for use with 1A type key telephone systems. Each connector
can terminate up to three lines of key equipment providing service to as many as seven key telephone
sets per line.
BIX Modular Jack Connector
BIX Modular Jack Connectors provide a fast and flexible method to manage small-to-medium cross-
connect installations. These connectors are built with a BIX connector pre-wired to standard modular
jacks. They allow front-access termination and patching.
The NXXCBMC6U Connector is a 6-port, 8-position modular connector used for data applications.
It exceeds all Category 5e channel requirements when used with PS5E Modular Cords in a
Belden IBDN 1200 System.
QCBIX36-type Connectors are used mostly for voice applications. The QCBIX36D connector is a
6-port, 8-position modular connector. It is pre-wired to USOC 8-wire wiring scheme specifications.
The QCBIX36C connector is an 8-port, 6-position modular connector. It is pre-wired to USOC 6-wire
wiring scheme specifications. The QCBIX36B connector is a 12-port, 6-position modular connector.
It is pre-wired to USOC 4-wire wiring scheme specifications.
A0393146 QCBIX1A4 Connector
A0266827 QCBIX5A Multiplying Connector
Belden Part Number
Description
BIX Cross-Connect System
Distribution Connector
BIX Distribution Connector, 5-pair Marking
A0266828
BIX Distribution Connector, 4-pair Marking
A0393146
Multiplying Connector
BIX Multiplying Connector, QCBIX2A, 25-pair, 12x2-pair
A0269923
BIX Multiplying Connector, QCBIX5A, 25-pair, 5x5-pair
A0266827
BIX Multiplying Connector, QCBIX7A, 25-pair, 2x2-pair & 3x7-pair
A0269925
Modular Jack Connector
BIX Modular Jack Connector, NXXCBMC6U, 6-port, PS5E, T568A/B Coded
AX100798
BIX Modular Jack Connector, QCBIX36D, 6-port, USOC, 8-pin
A0341173
BIX Modular Jack Connector, QCBIX36C, 8-port, USOC, 6-pin
A0330864
BIX Modular Jack Connector, QCBIX36B, 12-port, USOC, 4-pin
A0330863
These products are in the process of being assessed for RoHS compliance. Please check our Web Site for the most current RoHS status.
AX100798 BIX Modular Jack Connector


Similar Part No. - AX100798

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX1007 AXELITE-AX1007 Datasheet
901Kb / 17P
1A Low Dropout Linear Regulator
Rev.2.0 Sep.05, 2019
logo
Belden Inc.
AX100781 BELDEN-AX100781 Datasheet
178Kb / 1P
Velcro Saddle
10-03-2024
logo
AXElite technology co. ...
AX1007D AXELITE-AX1007D Datasheet
901Kb / 17P
1A Low Dropout Linear Regulator
Rev.2.0 Sep.05, 2019
AX1007D12 AXELITE-AX1007D12 Datasheet
901Kb / 17P
1A Low Dropout Linear Regulator
Rev.2.0 Sep.05, 2019
AX1007D12A AXELITE-AX1007D12A Datasheet
901Kb / 17P
1A Low Dropout Linear Regulator
Rev.2.0 Sep.05, 2019
More results

Similar Description - AX100798

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
OCC-A-320-N MRV-OCC-A-320-N Datasheet
77Kb / 3P
OCC - Optical Cross Connect
EMPMC-9XFP MRV-EMPMC-9XFP Datasheet
677Kb / 3P
Media Cross Connect Blades
EMPMC-36FC8G MRV-EMPMC-36FC8G Datasheet
677Kb / 3P
Media Cross Connect Blades
EMPMC-36IC MRV-EMPMC-36IC Datasheet
677Kb / 3P
Media Cross Connect Blades
EMPMC-36RJ-C MRV-EMPMC-36RJ-C Datasheet
677Kb / 3P
Media Cross Connect Blades
EMPMC-36SAS MRV-EMPMC-36SAS Datasheet
677Kb / 3P
Media Cross Connect Blades
EMPMC-36SFP MRV-EMPMC-36SFP Datasheet
677Kb / 3P
Media Cross Connect Blades
EMPMC-36SFP3RMR MRV-EMPMC-36SFP3RMR Datasheet
677Kb / 3P
Media Cross Connect Blades
EMPMC-3610GMR MRV-EMPMC-3610GMR Datasheet
677Kb / 3P
Media Cross Connect Blades
OCC96 MRV-OCC96 Datasheet
293Kb / 3P
Optical Cross Connect
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com