Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAS70W Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # BAS70W
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

BAS70W Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  BAS70W Datasheet HTML 1Page - PACELEADER INDUSTRIAL BAS70W Datasheet HTML 2Page - PACELEADER INDUSTRIAL BAS70W Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Characteristic
Symbol
VRRM
VRRM
IFSM
T
RθJA
VR
IF(AV)
Tj
Pd
VR(RMS)
Value
Unit
70
70
100
200
-55 to + 150
-65 to + 150
625
49
Characteristic
Symbol
Reverse Breakdown Voltage (IR=10µA)
Forward Voltage
IF=1.0mA
IF=15mA
Total Capacitance
VR=0V, f=1.0MHz
Reverse Leakage
VR=50V
Reverse Recover Time
IF=IR =10mA, IR(Rec)=1.0mA
V(BR)R
VF
CT
IR
Trr
Min
Max
Unit
70
0.41
1.00
2.0
0.1
5.0
-
-
-
-
-
V
V
PF
µA
nS
Item
Marking
Eqivalent Circuit diagram
1
3
1
2
3
1
2
3
BAS70W
BAS70W-05
BAS70W-06
BAS70W-04
K73
K75
K76
K74
1
2
3
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
RMS Reverse Voltage
Forward Continuous Current
Non-Repetitive Peak Forward
Surge Current @ tp<1.0s
Power Dissipation
Thermal Resistance Junction
to Ambient Air
Operating Junction Temperure Range
Storage Temperature Range
STG
V
V
mA
mA
mA
°C/W
°C
°C
Note: 1. Valid provided that terminals are kept at ambient temperature.
2. Test period<300us.
(1)
(1)
o
MAXIMUM RATING (TA=25 C unless otherwise noted)
o
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
Device Marking
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SURFACE MOUNT SCHOTTKY BARRIER DIODES
2
www.paceleader.tw
BAS70W/BAS70W-04/BAS70W-05/BAS70W-06



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com