Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OPA690IDBVT Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690IDBVT
Description  Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA690IDBVT Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA690IDBVT Datasheet HTML 21Page - Texas Instruments OPA690IDBVT Datasheet HTML 22Page - Texas Instruments OPA690IDBVT Datasheet HTML 23Page - Texas Instruments OPA690IDBVT Datasheet HTML 24Page - Texas Instruments OPA690IDBVT Datasheet HTML 25Page - Texas Instruments OPA690IDBVT Datasheet HTML 26Page - Texas Instruments OPA690IDBVT Datasheet HTML 27Page - Texas Instruments OPA690IDBVT Datasheet HTML 28Page - Texas Instruments OPA690IDBVT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
OPA690
www.ti.com
SBOS223F – DECEMBER 2001 – REVISED FEBRUARY 2010
THERMAL ANALYSIS
As a worst-case example, compute the maximum TJ
using an OPA690IDBV (SOT23-6 package) in the
Due to the high output power capability of the
circuit of Figure 36 operating at the maximum
OPA690, heatsinking or forced airflow may be
specified ambient temperature of +85°C and driving a
required
under
extreme
operating
conditions.
grounded 20
Ω load.
Maximum desired junction temperature will set the
maximum allowed internal power dissipation as
PD = 10V × 6.2mA + 5
2/(4 × (20Ω || 804Ω)) = 382mW
described below. In no case should the maximum
Maximum TJ = +85°C + (0.38W × 150°C/W) = 142°C.
junction temperature be allowed to exceed 175°C.
Although
this
is
still
well
below
the
specified
Operating junction temperature (TJ) is given by TA +
maximum junction temperature, system reliability
PD × qJA. The total internal power dissipation (PD) is
considerations may require lower tested junction
the sum of quiescent power (PDQ) and additional
temperatures.
The
highest
possible
internal
power dissipated in the output stage (PDL) to deliver
dissipation will occur if the load requires current to be
load power. Quiescent power is simply the specified
forced into the output for positive output voltages or
no-load supply current times the total supply voltage
sourced from the output for negative output voltages.
across the part. PDL depends on the required output
This puts a high current through a large internal
signal and load but, for a grounded resistive load, be
voltage drop in the output transistors. Figure 19, the
at a maximum when the output is fixed at a voltage
output
V-I
plot
shown
in
the
±5V
Typical
equal to 1/2 of either supply voltage (for equal bipolar
Characteristics, include a boundary for 1W maximum
supplies). Under this condition, PDL = VS2/(4 × RL)
internal power dissipation under these conditions.
where RL includes feedback network loading.
Note that it is the power in the output stage and not
into
the
load
that
determines
internal
power
dissipation.
Copyright © 2001–2010, Texas Instruments Incorporated
25
Product Folder Link(s): OPA690



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com