Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G34FS3-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74LVC1G34FS3-7
Description  SINGLE BUFFER GATE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G34FS3-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  74LVC1G34FS3-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G34FS3-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G34FS3-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G34FS3-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G34FS3-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G34FS3-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G34FS3-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G34FS3-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G34FS3-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
74LVC1G34
Document number: DS36108 Rev. 3 - 2
5 of 15
www.diodes.com
March 2014
© Diodes Incorporated
74LVC1G34
Electrical Characteristics (@VCC = 3.3V, TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Min
Max
VOH
High Level Output
Voltage
IOH = -100μA
1.65V to 5.5V
VCC – 0.1
—
—
VCC – 0.1
—
V
IOH = -4mA
1.65V
1.2
—
—
0.95
—
IOH = -8mA
2.3V
1.9
—
—
1.7
—
IOH = -12mA
2.7V
2.2
—
—
1.9
—
IOH = -16mA
3V
2.4
—
—
2.2
—
IOH = -24mA
2.3
—
—
2.0
—
IOH = -32mA
4.5V
3.8
—
—
3.4
—
VOL
Low Level Output
Voltage
IOL = 100μA
1.65V to 5.5V
—
—
0.1
—
0.1
V
IOL = 4mA
1.65V
—
—
0.45
—
0.7
IOL = 8mA
2.3V
—
—
0.3
—
0.45
IOL = 12mA
2.7V
—
—
0.4
—
0.6
IOL = 16mA
3V
—
—
0.4
—
0.6
IOL = 24mA
—
—
0.55
—
0.8
IOL = 32mA
4.5V
—
—
0.55
—
.8
II
Input Current
VI = 5.5V or GND
0V to 5.5V
—
± 0.1
±5
—
± 100
μA
IOFF
Power Down
Leakage Current
VI or VO = 5.5V
0V
—
—
±10
—
±200
μA
ICC
Supply Current
VI = 5.5V or GND,
IO = 0
5.5V
—
0.1
10
—
200
μA
∆ICC
Additional Supply
Current
Input at VCC –0.6V
3V to 5.5V
—
—
500
—
5000
μA
CI
Input Capacitance
VI = VCC – or GND
3.3V
—
5
—
—
—
pF
Package Characteristics (@VCC = 3.3V, TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
Min
Typ.
Max
Unit
θJA
Thermal Resistance
Junction-to-Ambient
SOT25
(Note 9)
—
204
—
oC/W
SOT353
—
371
—
SOT553
—
231
—
X2-DFN0808-4
—
400
—
X1-DFN1010-6
—
435
—
X2-DFN1010-6
—
445
—
X2-DFN1409-6
—
470
—
X2-DFN1410-6
—
460
—
θJC
Thermal Resistance
Junction-to-Case
SOT25
(Note 9)
—
52
—
oC/W
SOT353
—
143
—
SOT553
—
105
—
X2-DFN0808-4
—
225
—
X1-DFN1010-6
—
250
—
X2-DFN1010-6
—
250
—
X2-DFN1409-6
—
275
—
X2-DFN1410-6
—
265
—
Note: 9. Test condition for each of the 8 package types: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com