Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SI1022R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI1022R
Description  N-Channel 60 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1022R Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1022R Datasheet HTML 1Page - Vishay Siliconix SI1022R Datasheet HTML 2Page - Vishay Siliconix SI1022R Datasheet HTML 3Page - Vishay Siliconix SI1022R Datasheet HTML 4Page - Vishay Siliconix SI1022R Datasheet HTML 5Page - Vishay Siliconix SI1022R Datasheet HTML 6Page - Vishay Siliconix SI1022R Datasheet HTML 7Page - Vishay Siliconix SI1022R Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number: 71331
S10-2687-Rev. F, 22-Nov-10
Vishay Siliconix
Si1022R
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. For DESIGN AID ONLY, not subject to production testing.
c. Switching time is essentially independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 10 µA
60
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 0.25 mA
12.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 10 V
± 150
nA
TJ = 85 °C
± 500
VDS = 0 V, VGS = ± 5 V
± 20
Zero Gate Voltage Drain Current
IDSS
VDS = 50 V, VGS = 0 V
10
TJ = 85 °C
100
VDS = 60 V, VGS = 0 V
1µA
On-State Drain Currenta
ID(on)
VDS = 10 V, VGS = 4.5 V
500
mA
VDS = 7.5 V, VGS = 10 V
800
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 200 mA
3.0
TJ = 125 °C
5.0
VGS = 10 V, ID = 500 mA
1.25
TJ = 125 °C
2.25
Forward Transconductancea
gfs
VDS = 10 V, ID = 200 mA
100
mS
Diode Forward Voltagea
VSD
VGS = 0 V, IS = 200 mA
1.3
V
Dynamicb
Input Capacitance
Ciss
VDS = 25 V, VGS = 0 V, f = 1 MHz
30
pF
Output Capacitance
Coss
6
Reverse Transfer Capacitance
Crss
2.5
Gate Charge
Qg
VDS = 10 V, ID = 250 mA, VGS = 4.5 V
0.6
nC
Switchingb, c
Turn-On Time
t(on)
VDD = 30 V, RL = 150 ,
ID = 200 mA, VGEN = 10 V, Rg = 10 
25
ns
Turn-Off Time
t(off)
35



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com