Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQS3 Datasheet(PDF) 11 Page - PANDUIT CORP.

Part # PQS3
Description  P-CONN TM SCREW-ON WIRE CONNECTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PQS3 Datasheet(HTML) 11 Page - PANDUIT CORP.

Back Button PQS3 Datasheet HTML 4Page - PANDUIT CORP. PQS3 Datasheet HTML 5Page - PANDUIT CORP. PQS3 Datasheet HTML 6Page - PANDUIT CORP. PQS3 Datasheet HTML 7Page - PANDUIT CORP. PQS3 Datasheet HTML 8Page - PANDUIT CORP. PQS3 Datasheet HTML 9Page - PANDUIT CORP. PQS3 Datasheet HTML 10Page - PANDUIT CORP. PQS3 Datasheet HTML 11Page - PANDUIT CORP. PQS3 Datasheet HTML 12Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
NUT STYLE SCREW-ON CONNECTORS–WIRE COMBINATIONS
CMA
2 #22
3 #22
2 #16
1280
1920
5160
4 #16
10320
3 #14
12330
4 #14
16440
3 #12
19590
3 #16
7740
5 #12
32650
71B* (Ideal)
N1 (Buchanan)
H-29 (3M)
GB-1 (GB)
Hi-0 (T&B)
P72 (PANDUIT)
72B* (Ideal)
N2 (Buchanan)
H-30 (3M)
GB-2 (GB)
Hi-2 (T&B)
P73 (PANDUIT)
73B* (Ideal)
N3 (Buchanan)
H-31 (3M)
O/B (3M)
GB-3 (GB)
Hi-3 (T&B)
P74 (PANDUIT)
74B* (Ideal)
N4 (Buchanan)
H-33 (3M)
GB-4 (GB)
Hi-4 (T&B)
P76 (PANDUIT)
76B* (Ideal)
N6 (Buchanan)
H-35 (3M)
GB-6 (GB)
Hi-6 (T&B)
Wire Combination Table
For calculating total Circular Mil Area
Directions: Locate desired size of
wire(s) in left column. Read across to
find Circular Mil Area for the total
number of wires per each wire size.
Add these amounts together to calcu-
late the total Circular Mil Area for
desired wire combination.
Example: (1)#14 + (1)#12 = 10,640.
(Use this table in conjunction with the
wire range charts on pages 3, 5, 7 and
9 or the specific listed CMA range
shown for each part.)
Circular Mil Area per number of wires
Wire Size
1 Wire
2 Wires 3 Wires
4 Wires
5 Wires
#22 AWG
640
1280
1920
2560
3200
#20 AWG
1020
2040
3060
4080
5100
#18 AWG
1620
3240
4860
6480
8100
#16 AWG
2580
5160
7740
10320
12900
#14 AWG
4110
8220
12330
16440
20550
#12 AWG
6530
13060
19590
26120
32650
#10 AWG
10380
20760
31140
41520
51900
#8 AWG
16510
Consult product package or factory for UL Listed and
CSA Certified combinations.
* Registered Trademark of Ideal Industries Inc.
P-CONN
TM
SCREW-ON WIRE CONNECTORS
Consult product package or factory for UL Listed and
CSA Certified combinations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com