Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP2021 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2021
Description  LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2021 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMP2021 Datasheet HTML 16Page - Texas Instruments LMP2021 Datasheet HTML 17Page - Texas Instruments LMP2021 Datasheet HTML 18Page - Texas Instruments LMP2021 Datasheet HTML 19Page - Texas Instruments LMP2021 Datasheet HTML 20Page - Texas Instruments LMP2021 Datasheet HTML 21Page - Texas Instruments LMP2021 Datasheet HTML 22Page - Texas Instruments LMP2021 Datasheet HTML 23Page - Texas Instruments LMP2021 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
-
+
FEEDBACK
NETWORK
VIN_DIFF
VIN
RIN
CIN
INPUT
SWITCHES
VIN_DIFF
RIN
RON_SWITCH
COUT
VOUT
+
-
CIN
VIN
LMP2021, LMP2022
SNOSAY9D – SEPTEMBER 2008 – REVISED JULY 2009
www.ti.com
Figure 48. Sensor Impedance with Parallel Capacitance
CIN in Figure 48 adds a zero to the low pass filter and hence eliminating the reduction in AVOL of the
LMP2021/LMP2022. An alternative circuit to achieve this is shown in Figure 49.
Figure 49. Alternative Sensor Impedance Circuit
TRANSIENT RESPONSE TO FAST INPUTS
On chip continuous auto zero correction circuitry eliminates the 1/f noise and significantly reduces the offset
voltage and offset voltage drift; all of which are very low frequency events. For slow changing sensor signals this
correction is transparent. For excitations which may otherwise cause the output to swing faster than 40 mV/µs,
there are additional considerations which can be viewed two perspectives: for sine waves and for steps.
For sinusoidal inputs, when the output is swinging rail-to-rail on ±2.5V supplies, the auto zero circuitry will
introduce distortions above 2.55 kHz. For smaller output swings, higher frequencies can be amplified without the
auto zero slew limitation as shown in table below. Signals above 20 kHz, are not affected, though normally,
closed loop bandwidth should be kept below 20 kHz so as to avoid aliasing from the auto zero circuit.
VOUT-PEAK (V)
fMAX-SINE WAVE (kHz)
0.32
20
1
6.3
2.5
2.5
For step-like inputs, such as those arising from disturbances to a sensing system, the auto zero slew rate
limitation manifests itself as an extended ramping and settling time, lasting ~100 µs.
DIFFERENTIAL BRIDGE SENSOR
Bridge sensors are used in a variety of applications such as pressure sensors and weigh scales. Bridge sensors
typically have a very small differential output signal. This very small signal needs to be accurately amplified
before it can be fed into an ADC. As discussed in the previous sections, the accuracy of the op amp used as the
ADC driver is essential to maintaining total system accuracy.
The high DC performance of the LMP2021/LMP2022 make these amplifiers ideal choices for use with a bridge
sensor. The LMP2021/LMP2022 have very low input offset voltage and very low input offset voltage drift. The
open loop gain of the LMP2021/LMP2022 is 160 dB.
The on chip EMI rejection filters available on the LMP2021/LMP2022 help remove the EMI interference
introduced to the signal and hence improve the overall system performance.
20
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: LMP2021 LMP2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com