Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D1213A-01LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D1213A-01LP
Description  1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D1213A-01LP Datasheet(HTML) 1 Page - Diodes Incorporated

  D1213A-01LP Datasheet HTML 1Page - Diodes Incorporated D1213A-01LP Datasheet HTML 2Page - Diodes Incorporated D1213A-01LP Datasheet HTML 3Page - Diodes Incorporated D1213A-01LP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D1213A-01LP
Document number: DS35759 Rev. 6 - 2
1 of 4
www.diodes.com
December 2012
© Diodes Incorporated
D1213A-01LP
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Features
IEC 61000-4-2 (ESD): Air ±15kV, Contact ±8kV
1 Channel of ESD Protection
Low Channel Input Capacitance of 0.85pF Typical
Low Profile Package (0.53mm max) and Ultra-small PCB
Footprint Area (1.08 * 0.68mm max) Suitable for Compact
Portable Electronics
Typically Used at High Speed Ports such as USB 2.0,
IEEE1394, Serial ATA, DVI, HDMI, PCI
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: X1-DFN1006-2
Case Material: Molded Plastic, "Green" Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: NiPdAu over Copper leadframe. Solderable per MIL-
STD-202, Method 208
Weight: 0.001 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
D1213A-01LP-7B
X1-DFN1006-2
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Device Schematic
X1-DFN1006-2
Bottom View
U2 = Product Type Marking Code
Line Denotes Pin 1 or Cathode Side
Pin 1
Pin 2
e4
Top View


Similar Part No. - D1213A-01LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D1213A-01LP DIODES-D1213A-01LP Datasheet
119Kb / 4P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 6
D1213A-01LP-7B DIODES-D1213A-01LP-7B Datasheet
119Kb / 4P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 6
D1213A-01LP4 DIODES-D1213A-01LP4 Datasheet
117Kb / 4P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 5
D1213A-01LP4-7B DIODES-D1213A-01LP4-7B Datasheet
117Kb / 4P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 5
D1213A-01LPQ DIODES-D1213A-01LPQ Datasheet
213Kb / 5P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 2
More results

Similar Description - D1213A-01LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D1213A-01LP4 DIODES-D1213A-01LP4 Datasheet
117Kb / 4P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 5
D1213A-01T DIODES-D1213A-01T Datasheet
126Kb / 4P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 5
D1213A-01W DIODES-D1213A-01W Datasheet
139Kb / 5P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 8
D5V0F1U2LP DIODES-D5V0F1U2LP Datasheet
258Kb / 4P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 2
D1213A-01WS DIODES-D1213A-01WS Datasheet
129Kb / 4P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 3
D1213A-01LP DIODES-D1213A-01LP Datasheet
119Kb / 4P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 6
D1213A-01LPQ DIODES-D1213A-01LPQ Datasheet
213Kb / 5P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 2
D1213A-01SO DIODES-D1213A-01SO Datasheet
122Kb / 5P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 11
D5V0F1U2LPQ DIODES-D5V0F1U2LPQ Datasheet
314Kb / 4P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
October 2019 Rev. 1 - 2
logo
TECH PUBLIC Electronics...
TPCM1213A-01SO TECHPUBLIC-TPCM1213A-01SO Datasheet
1,010Kb / 4P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com