Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NPI35LS1R0MTRF Datasheet(PDF) 10 Page - NIC-Components Corp.

Part # NPI35LS1R0MTRF
Description  NPI Unshielded Power Inductors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI35LS1R0MTRF Datasheet(HTML) 10 Page - NIC-Components Corp.

Back Button NPI35LS1R0MTRF Datasheet HTML 3Page - NIC-Components Corp. NPI35LS1R0MTRF Datasheet HTML 4Page - NIC-Components Corp. NPI35LS1R0MTRF Datasheet HTML 5Page - NIC-Components Corp. NPI35LS1R0MTRF Datasheet HTML 6Page - NIC-Components Corp. NPI35LS1R0MTRF Datasheet HTML 7Page - NIC-Components Corp. NPI35LS1R0MTRF Datasheet HTML 8Page - NIC-Components Corp. NPI35LS1R0MTRF Datasheet HTML 9Page - NIC-Components Corp. NPI35LS1R0MTRF Datasheet HTML 10Page - NIC-Components Corp. NPI35LS1R0MTRF Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPI Unshielded Power Inductors
NPI__LS Series
Irms specification is based on +20°C temperature rise. Isat is based on -30% inductance change.
Series
Standard Values - Case Size 84 (8.0 x 8.0 x 4.2mm)
Inductance
(
μH)
Tolerance
Test Conditions
DCR
(
Ω)
Isat
(Amps)
Irms
(Amps)
SRF
(MHz)
NPI84LSR75MTRF
0.75
±20%
100KHz, 1V
0.008
16.5
6.3
110
NPI84LS1R2MTRF
1.2
±20%
100KHz, 1V
0.01
13.3
5.65
82
NPI84LS1R8MTRF
1.8
±20%
100KHz, 1V
0.012
11.4
5.15
60
NPI84LS2R2MTRF
2.2
±20%
100KHz, 1V
0.014
9.65
4.7
40
NPI84LS3R3MTRF
3.3
±20%
100KHz, 1V
0.017
8.55
4.35
37
NPI84LS3R9MTRF
3.9
±20%
100KHz, 1V
0.019
7.75
4.05
42
NPI84LS4R7MTRF
4.7
±20%
100KHz, 1V
0.022
7.0
3.85
30
NPI84LS5R6MTRF
5.6
±20%
100KHz, 1V
0.024
6.5
3.6
27
NPI84LS6R8MTRF
6.8
±20%
100KHz, 1V
0.027
5.95
3.45
24
NPI84LS8R2MTRF
8.2
±20%
100KHz, 1V
0.03
5.55
3.3
22
NPI84LS9R1MTRF
9.1
±20%
100KHz, 1V
0.032
5.2
3.1
21
NPI84LS100MTRF
10
±20%
100KHz, 1V
0.043
4.78
2.7
18
NPI84LS120MTRF
12
±20%
100KHz, 1V
0.047
4.48
2.6
17
NPI84LS150MTRF
15
±20%
100KHz, 1V
0.054
4.0
2.4
15
NPI84LS180MTRF
18
±20%
100KHz, 1V
0.07
3.6
2.1
13
NPI84LS220MTRF
22
±20%
100KHz, 1V
0.079
3.33
2.0
13
NPI84LS270MTRF
27
±20%
100KHz, 1V
0.097
3.03
1.8
11
NPI84LS330MTRF
33
±20%
100KHz, 1V
0.115
2.73
1.65
10
NPI84LS360MTRF
36
±20%
100KHz, 1V
0.131
2.58
1.55
10
NPI84LS390MTRF
39
±20%
100KHz, 1V
0.136
2.5
1.55
10
NPI84LS430MTRF
43
±20%
100KHz, 1V
0.148
2.39
1.45
9.2
NPI84LS470MTRF
47
±20%
100KHz, 1V
0.188
2.2
1.3
8.5
NPI84LS510MTRF
51
±20%
100KHz, 1V
0.189
2.2
1.3
8.4
NPI84LS560MTRF
56
±20%
100KHz, 1V
0.197
2.12
1.25
8.1
NPI84LS620MTRF
62
±20%
100KHz, 1V
0.212
2.0
1.2
8.1
NPI84LS680MTRF
68
±20%
100KHz, 1V
0.277
1.8
1.05
6.8
NPI84LS750MTRF
75
±20%
100KHz, 1V
0.294
1.77
1.0
6.4
NPI84LS820MTRF
82
±20%
100KHz, 1V
0.312
1.7
1.0
6.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com