Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST183C08CFN0 Datasheet(PDF) 7 Page - International Rectifier

Part # ST183C08CFN0
Description  INVERTER GRADE THYRISTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST183C08CFN0 Datasheet(HTML) 7 Page - International Rectifier

Back Button ST183C08CFN0 Datasheet HTML 2Page - International Rectifier ST183C08CFN0 Datasheet HTML 3Page - International Rectifier ST183C08CFN0 Datasheet HTML 4Page - International Rectifier ST183C08CFN0 Datasheet HTML 5Page - International Rectifier ST183C08CFN0 Datasheet HTML 6Page - International Rectifier ST183C08CFN0 Datasheet HTML 7Page - International Rectifier ST183C08CFN0 Datasheet HTML 8Page - International Rectifier ST183C08CFN0 Datasheet HTML 9Page - International Rectifier ST183C08CFN0 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ST183C..C Series
Bulletin I25178 rev. B 04/00
Fig. 9 - On-state Voltage Drop Characteristics
Fig. 10 - Thermal Impedance Z
thJ-hs
Characteristics
Fig. 11 - Reverse Recovered Charge Characteristics
Fig. 12 - Reverse Recovery Current Characteristics
Fig. 13 - Frequency Characteristics
100
1000
10000
11 .522. 5
33 .544 .5
T = 25 °C
J
Instan taneous O n-state Voltage (V)
T = 12 5°C
J
ST 183C..C Series
0
20
40
60
80
100
120
140
160
0
1 02 0 3 0 4 0506 070809 0 10 0
Rate O f Fall Of Forw ard Curr en t - di/dt (A/ µs)
I
= 500 A
300 A
200 A
100 A
50 A
ST18 3C..C Series
T = 125 °C
J
TM
0
50
100
150
200
250
0
102 0 3 0405 0607 0 8 09 0 1 0 0
I
= 50 0 A
300 A
200 A
100 A
50 A
Rate Of Fa ll Of On -state Current - di/dt (A/µs)
ST183C..C Series
T = 125 °C
J
TM
0.00 1
0.0 1
0.1
1
0.00 1
0.01
0.1
1
10
Sq u a r e W a v e Pu lse D u ra t io n ( s)
ST 183C ..C Se rie s
St e a d y Sta t e V a lue
R
= 0 .1 7 K / W
( S in gle S id e C o o le d )
R
= 0 .0 8 K / W
( D ou b le Sid e C o ole d )
(D C O p e ra t io n )
th J -hs
th J -hs
1E 1
1E 2
1E 3
1 E 4
50 H z
40 0
2500
100
P u lse B ase w id t h ( µ s)
10 00
1500
3000
200
500
5000
ST183C..C Series
Sinus oid a l p ulse
T
= 55 °C
C
Snub b e r c irc uit
R
= 47 oh m s
C
= 0.22 µF
V
= 8 0% V
s
s
D
DRM
10 00 0
tp
1E 1
1E 2
1E 3
1E 4
1E 1
1E 2
1E 3
1E 4
50 H z
40 0
2500
100
Pu lse B a se w id th ( µ s)
1000
1500
3000
20 0
50 0
5000
Snub b er c ircu it
R
= 47 o hm s
C
= 0 .22 µ F
V
= 80 % V
s
s
D
DRM
ST183 C. .C Se ries
Sinus o id a l p uls e
T
= 40 °C
C
tp
1E 4
10000
Document Number: 93668
www.vishay.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com