Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STC3115AIJT Datasheet(PDF) 6 Page - STMicroelectronics

Part # STC3115AIJT
Description  Gas gauge IC with alarm output for handheld applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3115AIJT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STC3115AIJT Datasheet HTML 2Page - STMicroelectronics STC3115AIJT Datasheet HTML 3Page - STMicroelectronics STC3115AIJT Datasheet HTML 4Page - STMicroelectronics STC3115AIJT Datasheet HTML 5Page - STMicroelectronics STC3115AIJT Datasheet HTML 6Page - STMicroelectronics STC3115AIJT Datasheet HTML 7Page - STMicroelectronics STC3115AIJT Datasheet HTML 8Page - STMicroelectronics STC3115AIJT Datasheet HTML 9Page - STMicroelectronics STC3115AIJT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Electrical characteristics
STC3115
6/31
DocID023755 Rev 4
4
Electrical characteristics
Table 4. Electrical characteristics (2.7 V < VCC < 4.5 V, -20 °C to 70 °C)
Symbol
Parameter
Conditions
Min
Typ
Max Units
Supply
ICC
Operating current consumption
Average value over 4 s in
power-saving voltage
mode
45
60
µA
Average value over 4 s in
mixed mode
100
ISTBY
Current consumption in standby
Standby mode,
inputs = 0 V
2
IPDN
Current consumption in power-down
VCC < UVLOTH,
inputs = 0 V
1
UVLOTH
Undervoltage threshold
(VCC decreasing)
2.5
2.6
2.7
V
UVLOHYST
Undervoltage threshold hysteresis
100
mV
POR
Power-on reset threshold
(VCC decreasing)
2.0
V
Current sensing
Vin_gg
Input voltage range
-40
+40
mV
IIN
Input current for CG pin
500
nA
ADC_res
AD converter granularity
5.88
µV
ADC_offset
AD converter offset
CG = 0 V
-3
3
LSB
ADC_time
AD conversion time
500
ms
ADC_acc
AD converter gain accuracy at full
scale (using external sense resistor)
25 °C
0.5
%
Over temperature range
1
FOSC
Internal time base frequency
32768
Hz
Osc_acc
Internal time base accuracy
25 °C, VCC = 3.6 V
2
%
Over temperature and
voltage ranges
2.5
Cur_res
Current register LSB value
5.88
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com