Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL35N6F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL35N6F3
Description  N-channel 60 V, 0.019 廓, 10 A STripFET??III Power MOSFET in PowerFLAT??5x6 package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL35N6F3 Datasheet(HTML) 1 Page - STMicroelectronics

  STL35N6F3 Datasheet HTML 1Page - STMicroelectronics STL35N6F3 Datasheet HTML 2Page - STMicroelectronics STL35N6F3 Datasheet HTML 3Page - STMicroelectronics STL35N6F3 Datasheet HTML 4Page - STMicroelectronics STL35N6F3 Datasheet HTML 5Page - STMicroelectronics STL35N6F3 Datasheet HTML 6Page - STMicroelectronics STL35N6F3 Datasheet HTML 7Page - STMicroelectronics STL35N6F3 Datasheet HTML 8Page - STMicroelectronics STL35N6F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
May 2012
Doc ID 16557 Rev 4
1/17
17
STL35N6F3
N-channel 60 V, 0.019
Ω, 10 A STripFET™ III Power MOSFET
in PowerFLAT™ 5x6 package
Datasheet — production data
Features
■ N-channel enhancement mode
■ 100% avalanched rated
■ Low gate charge
■ Very low on-resistance
Applications
■ Switching applications
Description
This device is an N-channel enhancement mode
Power MOSFET produced using
STMicroelectronics’ STripFET™ III technology,
which is specifically designed to minimize on-
resistance and gate charge to provide superior
switching performance.
Figure 1.
Internal schematic diagram
Order code
VDSS
RDS(on) max
ID
STL35N6F3
60 V
< 0.022
Ω
10 A
PowerFLAT™ 5x6
1
2
3
4
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL35N6F3
35N6F3
PowerFLAT™ 5x6
Tape and reel
www.st.com


Similar Part No. - STL35N6F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL35N15F3 STMICROELECTRONICS-STL35N15F3 Datasheet
848Kb / 17P
N-channel 150 V, 0.0355, 7 A STripFET III Power MOSFET
10-May-2012
STL35NF10 STMICROELECTRONICS-STL35NF10 Datasheet
165Kb / 6P
N-CHANNEL 100V - 0.025ohm - 35A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
Aug-2001
STL35NF3LL STMICROELECTRONICS-STL35NF3LL Datasheet
183Kb / 6P
N-CHANNEL 30V - 0.0055ohm - 35A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
Oct-2001
More results

Similar Description - STL35N6F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL85N6F3 STMICROELECTRONICS-STL85N6F3 Datasheet
534Kb / 15P
N-channel 60 V, 0.0057 廓, 19 A PowerFLAT??5x6 STripFET??Power MOSFET
08-Jul-2011
STL8N10LF3 STMICROELECTRONICS-STL8N10LF3 Datasheet
850Kb / 13P
N-channel 100 V, 25 mA typ., 7.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
17-Jan-2013
STL70N10F3 STMICROELECTRONICS-STL70N10F3 Datasheet
911Kb / 17P
N-channel 100 V, 0.0078, 16 A STripFET III Power MOSFET in PowerFLAT 5x6 package
29-May-2012
STL40N75LF3 STMICROELECTRONICS-STL40N75LF3 Datasheet
1Mb / 5P
N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
March 2011 Rev 6
STL140N6F7 STMICROELECTRONICS-STL140N6F7 Datasheet
944Kb / 13P
N-channel 60 V, 2.4 mΩ typ., 140 A STripFET™F7 Power MOSFET in a PowerFLAT™5x6 package
21-Apr-2017
STL40C30H3LL STMICROELECTRONICS-STL40C30H3LL Datasheet
1Mb / 19P
N-channel 30 V, 0.019 Ω typ., 10 A, P-channel 30 V, 0.024 Ω typ.,8 A STripFET™ VI Power MOSFET in a PowerFLAT 5x6 d. i. package
April 2014 Rev 5
STL42PLLF6 STMICROELECTRONICS-STL42PLLF6 Datasheet
935Kb / 16P
P-channel -60 V, 23 mΩ typ., -42 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
November 2016 Rev 4
STL60P4LLF6 STMICROELECTRONICS-STL60P4LLF6 Datasheet
886Kb / 14P
P-channel 40 V, 0.0115 Ω typ.,60 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
December 2014 Rev 2
STL90N6F7 STMICROELECTRONICS-STL90N6F7 Datasheet
373Kb / 13P
N-channel 60 V, 0.0046 Ω typ., 90 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
June 2015 Rev 2
STL100N6LF6 STMICROELECTRONICS-STL100N6LF6 Datasheet
2Mb / 15P
N-channel 60 V, 3.3 mΩ typ., 25 A STripFET™ VI DeepGATE™ Power MOSFET in a PowerFLAT™ 5x6 package
March 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com