Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXLD1370 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXLD1370
Description  Versatile LED driver increases reliability of high brightness lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXLD1370 Datasheet HTML 1Page - Diodes Incorporated ZXLD1370 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
ZXLD1370
NPA Number 001
ZXLD1370
Versatile LED drivers increase
reliability of high brightness lamps
Ti
l A
li
ti
Typical Application:
Buck-Boost LED driver
Product portfolio
ZXLD1350
ZXLD1360
ZXLD1356
ZXLD1362
ZXLD1370
ZXLD1374
ZXLD1352
ZXLD1360
ZXLD1356
ZXLD1366
ZXLD1370
ZXLD1374
Temp range ‐40 ~ 105oC
‐40 ~125oC
‐40 ~ 125oC
‐40 ~ 125oC
‐40 ~ 125oC
‐40 ~ 125oC
VIN
7 ~ 30V
7 ~ 30V
6 ~ 60V
6 ~ 60V
6.5 ~ 60V
6.5 ~ 60V
LED Current
380mA
1A
550mA
1A
External FET
1.5A
Accuracy
5/4%
5%
2.5%
5/2.5%
2%
2%
Frequency
1MHz
1MHz
1MHz
1MHz
1MHz
1MHz
Pk
TSOT23 5
TSOT23 5
TSOT23 5 (33) TSOT23 5 (33)
TSSOP 16 EP
TSSOP 20 EP(4)
Package
θJC (oC/W)
TSOT23‐5
(200)
TSOT23‐5
(33)
TSOT23‐5    (33) 
DFN3030‐6 (14)
TSOT23‐5  (33)
DFN3030‐6 (14)
SO‐8‐EP (7)
TSSOP‐16‐EP 
(23)
TSSOP‐20‐EP(4)
DFN5050‐24
Topology
Buck 
Converter
Buck 
Converter
Buck Converter Buck Converter
Buck, Boost, 
Buck‐boost 
Controller
Buck, Boost, 
Buck‐boost 
Converter
Dimming 
Control
PWM/DC
PWM/DC
PWM/DC
PWM/DC
PWM/DC
PWM/DC
Ordering information
Device
Packaging
Pack  mark
Reel  size
Tape width
Quantity
ZXLD1370EST16TC
TSSOP 16 EP
ZXLD1370
13” 330mm
12mm
2500
To find out more information:
Product page http://www.diodes.com/products/catalog/detail.php?item-id=5815
Datasheet http://www.diodes.com/datasheets/ZXLD1370.pdf
Control
Status
MP
MP
MP
MP
New Product
2Q10
www.diodes.com
ZXLD1370EST16TC
TSSOP-16-EP
ZXLD1370
13 330mm
12mm
2500
All variants are in packages that are “Green” Molding Compound (No Br, Sb) with Lead Free Finish/RoHS Compliant (Note 1)
Notes:1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com