Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STF16N65M5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF16N65M5
Description  N-channel 650 V, 0.230 Ω, 12 A MDmesh™V Power MOSFET in TO-220FP, I²PAK, TO-220, IPAK, TO-247
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF16N65M5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF16N65M5 Datasheet HTML 3Page - STMicroelectronics STF16N65M5 Datasheet HTML 4Page - STMicroelectronics STF16N65M5 Datasheet HTML 5Page - STMicroelectronics STF16N65M5 Datasheet HTML 6Page - STMicroelectronics STF16N65M5 Datasheet HTML 7Page - STMicroelectronics STF16N65M5 Datasheet HTML 8Page - STMicroelectronics STF16N65M5 Datasheet HTML 9Page - STMicroelectronics STF16N65M5 Datasheet HTML 10Page - STMicroelectronics STF16N65M5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
STF/I/P/U/W16N65M5
Electrical characteristics
Doc ID 15210 Rev 4
7/20
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Normalized BVDSS vs temperature
Figure 11.
Static drain-source on resistance
Figure 12.
Output capacitance stored energy
Figure 13.
Capacitance variations
ID
15
10
5
0
0
VDS(V)
(A)
2
20
6.5V
6V
7V
VGS=10V
7.5V
4
6
8
10 12 14 16 18
5.5V
AM03178v1
ID
15
10
5
0
3
5
VGS(V)
(A)
4
6
7
20
VDS=10V
8
9
AM03179v1
BVDSS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.93
0.95
0.97
0.99
1.01
1.03
1.05
1.07
ID=1mA
AM03187v1
RDS(on)
0.220
0.215
0
4
ID(A)
(
Ω)
2
6
0.225
VGS=10V
10
8
12
0.210
0.235
0.230
0.240
0.245
AM03181v1
Eoss
6
4
2
0
0
100
VDS(V)
(µJ)
400
200
300
500
600
1
3
5
7
AM03312v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
10000
100
Ciss
Coss
Crss
AM03183v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com