Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NZQFN28 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # NZQFN28
Description  FAIL-SAFE LASER DIODE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

NZQFN28 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  NZQFN28 Datasheet HTML 1Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 2Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 3Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 4Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 5Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 6Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 7Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 8Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 9Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
iC-NZ
FAIL-SAFE LASER DIODE DRIVER
Rev B2, Page 1/20
FEATURES
o Peak value controlled three level laser switch for operation
from CW up to 155 MHz
o Spike-free switching of laser currents of ca. 100 mA per
channel (320 mA total) from 3.5 to 5 V supply voltage
o Single-failure-proof
o System-enable with self test
o Separate setting of laser power for each channel via external
resistors
o Strong suppression of transients with very small external
capacitors
o Adjustable laser current monitor
o Safety shutdown with overcurrent, overtemperature and
undervoltage
o Autonomous safety circuit for a second photo diode monitoring
the laser power
o All current LD types can be used (M/P/N configurations)
o Error signal output at shutdown
APPLICATIONS
o Pulsed LD modules for safety
applications
o Distance measurement
PACKAGES
QFN28 5 mm x 5 mm
BLOCK DIAGRAM
RSMD
VSL
Laser
Driver
LD MD
VSH
+
−
−
SMD(0)
SMD(1)
+
Safety
Monitor Diode
FSM
REGEN
SDIS
Current Monitor
TEMPOK
VREF
RSI
RML
LDKM
NSEN
Monitor
EN
Safety
Diode
VBG
and
Reference
VBG
and
Reference
RSI
+5 V
VDD
ENCAL
NERR
NSF
NSEN
NPDR
NTREN
LDAOK
RSIOV
AGND
LDKH
CIL
LDKL
CIH
CIM
MDL
RMDM
RMDH
RMM
RMH
CIL
CIM
CIH
LDA
LENH
LENM
LENL
RGND
MDOK
CIOK
LDKGND
MD
LD
N
MD LD
P
suitable laser diode configurations
LD MD
M
SMD
GND
LDKH
RVDD
Copyright © 2007 iC-Haus
http://www.ichaus.com


Similar Part No. - NZQFN28

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NZQA5V6AXV5 ONSEMI-NZQA5V6AXV5 Datasheet
31Kb / 4P
Low Capacitance Quad Array for ESD Protection
September, 2003 ??Rev. P0
logo
Shanghai Semitech Semic...
NZQA5V6AXV5 SEMITECH-NZQA5V6AXV5 Datasheet
112Kb / 3P
Low Capacitance
logo
ON Semiconductor
NZQA5V6AXV5T1 ONSEMI-NZQA5V6AXV5T1 Datasheet
31Kb / 4P
Low Capacitance Quad Array for ESD Protection
September, 2003 ??Rev. P0
NZQA5V6AXV5T1 ONSEMI-NZQA5V6AXV5T1 Datasheet
159Kb / 5P
Transient Voltage Suppressors ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 7
NZQA5V6AXV5T1 ONSEMI-NZQA5V6AXV5T1 Datasheet
164Kb / 5P
Transient Voltage Suppressors ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 7
More results

Similar Description - NZQFN28

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6808B ATMEL-U6808B Datasheet
173Kb / 12P
Special Fail-safe IC
U6809B ATMEL-U6809B Datasheet
257Kb / 16P
FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
U6808B ATMEL-U6808B_05 Datasheet
266Kb / 14P
Specia Fail-safe IC
ATA6809 ATMEL-ATA6809 Datasheet
317Kb / 16P
Fail-safe IC with Relay Driver and Lamp Driver
logo
IC-Haus GmbH
IC-MFN ICHAUS-IC-MFN Datasheet
204Kb / 13P
8-FOLD FAIL-SAFE N-FET DRIVER
IC-MFP ICHAUS-IC-MFP Datasheet
214Kb / 13P
8-FOLD FAIL-SAFE P-FET DRIVER
IC-NZ ICHAUS-IC-NZ Datasheet
518Kb / 20P
FAIL-SAFE LASER DIODE DRIVER
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11136 AVAGO-ALM-11136_15 Datasheet
414Kb / 12P
Fail-Safe Bypass Feature
logo
STMicroelectronics
SPC560P44L3 STMICROELECTRONICS-SPC560P44L3 Datasheet
988Kb / 112P
Fail safe protection
18-Sep-2013
logo
Maxim Integrated Produc...
MAX20446EVKIT MAXIM-MAX20446EVKIT Datasheet
112Kb / 2P
Demonstrates Fail-Safe Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com