Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACPL-P302 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P302
Description  0.4 Amp Output Current IGBT Gate Driver Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P302 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-P302 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Table 5. Electrical Specifications (DC)
Over recommended operating conditions unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
High Level Output Current
IOH
0.15
A
VO = VCC - 4
5
0.2
0.3
A
VO = VCC - 10
2
2
Low Level Output Current
IOL
0.15
A
VO = VEE + 2.5
5
0.2
0.3
A
VO = VEE + 10
4
2
High Level Output Voltage
VOH
VCC-4
VCC-1.8
V
IO = -100 mA
1
6, 7
Low Level Output Voltage
VOL
0.41V
IO = 100 mA
3
High Level Supply Current
ICCH
0.73mA
IF = 10 mA
5, 6
15
Low Level Supply Current
ICCL
1.23mA
IF = 0 mA
5, 6
15
Threshold Input Current
Low to High
IFLH
6mA
IO = 0 mA, VO > 5 V
7, 13
Threshold Input Voltage
High to Low
VFHL
0.8
V
IO = 0 mA, VO > 5 V
Input Forward Voltage
VF
1.2
1.5
1.8
V
IF = 10 mA
14
Temperature Coefficient of
Input Forward Voltage
'VF/'TA
-1.6
mV/°C
IF = 10 mA
Input Reverse Breakdown Voltage
BVR
5V
IR = 10 μA
Input Capacitance
CIN
60
pF
f = 1 MHz, VF = 0 V
Table 6. Switching Specifications (AC)
Over recommended operating conditions unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay Time
to High Output Level
tPLH
0.1
0.2
0.7
μs
Rg = 75
:, Cg = 1.5 nF,
f = 10 kHz,
Duty Cycle = 50%,
IF = 7 mA, VCC = 30 V
8, 9,
10, 11,
12, 15
14
Propagation Delay Time
to Low Output Level
tPHL
0.1
0.3
0.7
μs
14
Propagation Delay Difference
Between Any Two Parts or
Channels
PDD
-0.5
0.5
μs
11
Rise Time
tR
50
ns
Fall Time
tF
50
ns
Output High Level Common
Mode Transient Immunity
|CMH|
10
kV/μs
TA = 25°C,
VCM = 1000 V
16
12
Output Low Level Common
Mode Transient Immunity
|CML|
10
kV/μs
16
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com