Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N3735 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N3735
Description  NPN SILICON SWITCHING TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3735 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N3735 Datasheet HTML 1Page - Microsemi Corporation 2N3735 Datasheet HTML 2Page - Microsemi Corporation 2N3735 Datasheet HTML 3Page - Microsemi Corporation 2N3735 Datasheet HTML 4Page - Microsemi Corporation 2N3735 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0173 Rev. 1 (101069)
Page 2 of 5
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Collector- Emitter Cutoff Current
VCE = 30Vdc, VEB = 2.0Vdc
VCE = 30Vdc, VEB = 2.0Vdc TA = +150°C
ICEX
200
250
nAdc
μAdc
Emitter-Base Cutoff Current
VEB = 5.0Vdc
VEB = 4.0Vdc
IEBO
10
100
μAdc
nAdc
ON CHARACTERISTICS
(1)
Forward-Current Transfer Ratio
hFE
IC = 10mAdc, VCE = 1.0Vdc
IC = 150mAdc, VCE = 1.0Vdc
IC = 500mAdc, VCE = 1.0Vdc
IC = 1.0Adc, VCE = 1.5Vdc
IC = 1.5Adc, VCE = 5.0Vdc
35
40
40
20
20
150
80
Collector-Emitter Saturation Voltage
VCE(sat)
Vdc
IC = 10mAdc, IB = 1.0mAdc
IC = 150mAdc, IB = 15.0mAdc
IC = 500mAdc, IB = 50.0mAdc
IC = 1.0Adc, IB = 100mAdc
0.2
0.3
0.5
0.9
Base-Emitter Saturation Voltage
VBE(sat)
Vdc
IC = 10mAdc, IB = 1.0mAdc
IC = 150mAdc, IB = 15.0mAdc
IC = 500mAdc, IB = 50.0mAdc
IC = 1.0Adc, IB = 100mAdc
0.8
1.0
1.2
1.4
DYNAMIC CHARACTERISTICS
Forward Current Transfer Ratio
|hfe|
IC = 50mAdc, VCE = 10Vdc, f = 100MHz
2.5
6.0
Delay Response
td
ηs
IC = 1.0Adc, VBE = 2Vdc, IB2= 100mA
VCC = 30Vdc
8
Turn-Off Time
toff
ηs
IC = 1.0Adc, IB1 = IB2 = 100mAdc, VCC = 30Vdc
60
Rise Time
tr
40
ηs
IC = 1.0Adc, VBE = 2Vdc, VCC = 30Vdc
Output Capacitance
Cobo
9
pF
VCB = 10Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0MHz
Input Capacitance
Cibo
80
pF
VEB = 0.5Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0MHz
(1) Pulse Test: Pulse Width = 300
μs, Duty Cycle ≤ 2.0%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com