Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT2626-15M Datasheet(PDF) 2 Page - RFHIC

Part # HT2626-15M
Description  GaN Hybrid Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

HT2626-15M Datasheet(HTML) 2 Page - RFHIC

  HT2626-15M Datasheet HTML 1Page - RFHIC HT2626-15M Datasheet HTML 2Page - RFHIC HT2626-15M Datasheet HTML 3Page - RFHIC HT2626-15M Datasheet HTML 4Page - RFHIC HT2626-15M Datasheet HTML 5Page - RFHIC HT2626-15M Datasheet HTML 6Page - RFHIC HT2626-15M Datasheet HTML 7Page - RFHIC HT2626-15M Datasheet HTML 8Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
GaN Hybrid Power Amplifier
HT2626-15M
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facilities : 919-677-8780 / sales@rfhicusa.com
2 / 8
Version 1.0
Absolute Maximum Ratings
PARAMETER
UNIT
RATING
SYMBOL
Gate-Source Voltage
V
-10 ~ 0
Vgs2
Drain-Source Voltage
V
7
Vds1
50
Vds2
Gate Current
mA
4.0
Igs2
Operating Junction Temperature
°C
225
TJ
Operating Case Temperature
°C
-30 ~ 85
TC
Storage Temperature
°C
-40 ~ 100
TSTG
Maximum RF Input Level
dBm
20
Pin
Operating Voltage & Input Level
PARAMETER
UNIT
MIN
TYP
MAX
SYMBOL
Drain Voltage
V
4.75
5
5.25
Vds1
27.5
28
28.5
Vds2
Gate Voltage (on-stage)
V
-
-3
-2
Vgs 2
Gate Voltage (off-stage)
V
-
-8
-
Vgs 2
Idq2 (Control Vgs2)
mA
100
105
110
Idq2
RF Input Level
dBm
-
-
15
Pin
Block Diagram
E-pHEMT GaAs
GaN on SiC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com