Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4928TL/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM4928TL/NOPB
Description  Audio Power Amplifier Series 1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4928TL/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4928TL/NOPB Datasheet HTML 3Page - Texas Instruments LM4928TL/NOPB Datasheet HTML 4Page - Texas Instruments LM4928TL/NOPB Datasheet HTML 5Page - Texas Instruments LM4928TL/NOPB Datasheet HTML 6Page - Texas Instruments LM4928TL/NOPB Datasheet HTML 7Page - Texas Instruments LM4928TL/NOPB Datasheet HTML 8Page - Texas Instruments LM4928TL/NOPB Datasheet HTML 9Page - Texas Instruments LM4928TL/NOPB Datasheet HTML 10Page - Texas Instruments LM4928TL/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
20
100
10k
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
20k
1k
20
100
10k
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
20k
1k
20
100
10k
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
20k
1k
20
100
10k
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
20k
1k
20
100
10k
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
20k
1k
20
100
10k
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
20k
1k
LM4928
www.ti.com
SNAS330D – DECEMBER 2005 – REVISED FEBRUARY 2006
Typical Performance Characteristics
(1)
THD+N vs Frequency
THD+N vs Frequency
VDD = 2.6V, RL = 4Ω, PO = 150mW
VDD = 2.6V, RL = 8Ω, PO = 150mW
Figure 4.
Figure 5.
THD+N vs Frequency
THD+N vs Frequency
VDD = 3V, RL = 4Ω, PO = 250mW
VDD = 3V, RL = 8Ω, PO = 250mW
Figure 6.
Figure 7.
THD+N vs Frequency
THD+N vs Frequency
VDD = 5V, RL = 4Ω, PO = 1W
VDD = 5V, RL = 8Ω, PO = 1W
Figure 8.
Figure 9.
(1)
Data taken with BW = 80kHz and AV = 1 except where specified.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4928



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com