Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6801-12 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6801-12
Description  1 Cell Li-ion Battery Linear Charger IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6801-12 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6801-12 Datasheet HTML 1Page - Torex Semiconductor XC6801-12 Datasheet HTML 2Page - Torex Semiconductor XC6801-12 Datasheet HTML 3Page - Torex Semiconductor XC6801-12 Datasheet HTML 4Page - Torex Semiconductor XC6801-12 Datasheet HTML 5Page - Torex Semiconductor XC6801-12 Datasheet HTML 6Page - Torex Semiconductor XC6801-12 Datasheet HTML 7Page - Torex Semiconductor XC6801-12 Datasheet HTML 8Page - Torex Semiconductor XC6801-12 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2/19
XC6801 Series
PIN NUMBER
SOT-25
SOT-89-5
USP-6C
PIN NAME
FUNCTION
1
5
3
/CHG
Charge Status Output Pin
2
2
2
VSS
Ground
3
4
1
BAT
Charge Current Pin
4
3
6
VIN
Input Voltage Pin
5
1
4
LIM
Changing Current Switch
-
-
5
NC
No Connection
PIN NAME
CONDITIONS
IC OPERATION
L
0V≦VLIM≦0.4V
Charging Battery Current 1 (CC Mode)
LIM
H
1V≦VLIM≦6V
Charging Battery Current 2 (CC Mode)
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
Setting Charge Current
1
LIM”L”=95mA, LIM”H”=475mA
PR-G
SOT-89-5 (1,000/Reel)
MR-G
SOT-25 (3,000/Reel)
②③
-④
(*1)
Packages
(Order Unit)
ER-G
USP-6C (3,000/Reel)
PIN CONFIGURATION
PIN ASSIGNMENT
PRODUCT CLASSIFICATION
Ordering Information
XC6801A42①②③-④
* The dissipation pad for the USP-6C package should be solder-plated in recommended mount pattern and
metal masking so as to enhance mounting strength and heat release. If the pad needs to be connected to
other pins, it should be connected to the VSS (No. 2) pin.
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully RoHS compliant.
FUNCTIONS
XC6801A421
*If LIM pin is left open, battery current is unstable. LIM pin level should be fixed “High” or “Low”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com