Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LDK120PU08R Datasheet(PDF) 9 Page - STMicroelectronics

Part # LDK120PU08R
Description  200 mA low quiescent current very low noise LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK120PU08R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LDK120PU08R Datasheet HTML 5Page - STMicroelectronics LDK120PU08R Datasheet HTML 6Page - STMicroelectronics LDK120PU08R Datasheet HTML 7Page - STMicroelectronics LDK120PU08R Datasheet HTML 8Page - STMicroelectronics LDK120PU08R Datasheet HTML 9Page - STMicroelectronics LDK120PU08R Datasheet HTML 10Page - STMicroelectronics LDK120PU08R Datasheet HTML 11Page - STMicroelectronics LDK120PU08R Datasheet HTML 12Page - STMicroelectronics LDK120PU08R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DocID023965 Rev 5
9/24
LDK120
Typical performance characteristics
6
Typical performance characteristics
CIN = COUT = 1 µF, VEN to VIN, unless otherwise specified.
Figure 6. Output voltage vs. temp. for
adjustable (IO = 1 mA)
Figure 7. Output voltage vs. temp. for
adjustable version (IO = 200 mA)
Figure 8. Output voltage vs. temp. for fixed
version (IO = 1 mA)
Figure 9. Output voltage vs. temp. for fixed
version (IO = 200 mA)
Figure 10. Line regulation vs. temp. for
adjustable version
Figure 11. Short-circuit current vs. temp. for
adjustable version
AM12800v1
0.750
0.760
0.770
0.780
0.790
0.800
0.810
0.820
0.830
0.840
0.850
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
V
IN = 1.9 V, IOUT = 1 mA
AM16197v1
V
IN = 1.9 V, IOUT = 200 mA
0.750
0.760
0.770
0.780
0.790
0.800
0.810
0.820
0.830
0.840
0.850
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
AM16198v1
V
IN = 4 V, IOUT = 1 mA
2.500
2.600
2.700
2.800
2.900
3.000
3.100
3.200
3.300
3.400
3.500
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
AM16199v1
V
IN = 4 V, IOUT = 200 mA
2.500
2.600
2.700
2.800
2.900
3.000
3.100
3.200
3.300
3.400
3.500
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
AM16200v1
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
V
IN from 1.9 V to 5.5 V, IOUT = 1 mA
AM16201v1
200
250
300
350
400
450
500
550
600
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
V
IN = 1.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com