Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6208Q Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6208Q
Description  DMOS driver for bipolar stepper motor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208Q Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6208Q Datasheet HTML 12Page - STMicroelectronics L6208Q Datasheet HTML 13Page - STMicroelectronics L6208Q Datasheet HTML 14Page - STMicroelectronics L6208Q Datasheet HTML 15Page - STMicroelectronics L6208Q Datasheet HTML 16Page - STMicroelectronics L6208Q Datasheet HTML 17Page - STMicroelectronics L6208Q Datasheet HTML 18Page - STMicroelectronics L6208Q Datasheet HTML 19Page - STMicroelectronics L6208Q Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Circuit description
L6208Q
16/34
DocID018710 Rev 3
These values allow a sufficient range of tOFF to implement the drive circuit for most motors.
The capacitor value chosen for COFF also affects the rise time tRCRISE of the voltage at the
pin RCOFF. The rise time tRCRISE is only an issue if the capacitor is not completely charged
before the next time the monostable is triggered. Therefore, the ON time tON, which
depends on motors and supply parameters, must be bigger than tRCRISE to allow a good
current regulation by the PWM stage. Furthermore, the ON time tON can not be smaller than
the minimum ON time tON(MIN).
Equation 4
Figure 15 shows the lower limit for the ON time tON for having a good PWM current
regulation capacity. It should be mentioned that tON is always bigger than tON(MIN) because
the device imposes this condition, but it can be smaller than tRCRISE - tDT. In this last case
the device continues to work but the OFF time tOFF is not more constant.
Therefore, a small COFF value gives more flexibility to the applications (allows smaller ON
time and, therefore, higher switching frequency), but, the smaller the value for COFF, the
more influential the noises on the circuit performance.
Figure 14. tOFF vs. COFF and ROFF
tON tON MIN

tON tRCRISE tDT
–
1,5
styp

=
tRCRISE
600 COFF
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com