Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L78L08ACD13TR Datasheet(PDF) 45 Page - STMicroelectronics

Part # L78L08ACD13TR
Description  Positive voltage regulators
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L08ACD13TR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L78L08ACD13TR Datasheet HTML 39Page - STMicroelectronics L78L08ACD13TR Datasheet HTML 40Page - STMicroelectronics L78L08ACD13TR Datasheet HTML 41Page - STMicroelectronics L78L08ACD13TR Datasheet HTML 42Page - STMicroelectronics L78L08ACD13TR Datasheet HTML 43Page - STMicroelectronics L78L08ACD13TR Datasheet HTML 44Page - STMicroelectronics L78L08ACD13TR Datasheet HTML 45Page - STMicroelectronics L78L08ACD13TR Datasheet HTML 46Page - STMicroelectronics L78L08ACD13TR Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
DocID2145 Rev 22
45/47
L78L
Order codes
47
L78L12ABD-TR
8K
SOT-89
12 V
L78L12ABZ
L78L12
TO-92
12 V
L78L12ABZ-AP
L78L12
TO 92
12 V
L78L12ACD13TR
78L12A
SO-8
5 V
L78L12ACD13TR
8K
TO-92
5 V
L78L12ACZ
L78L12
TO-92
12 V
L78L12ACZ-AP
L78L12
TO-92
12 V
L78L12ACZ-TR
L78L12
TO-92
12 V
L78L12CD13TR
78L12
SO-8
12 V
L78L15ABUTR
8L
SOT-89
15 V
L78L15ABZ-AP
L78L15
TO-92
15 V
L78L15ACD13TR
78L15A
SO-8
15 V
L78L15ACD13TR
8L
SOT-89
15 V
L78L15ACZ
L78L15
TO-92
15 V
L78L15CD-TR
78L15
SO-8
15 V
L78L18ACUTR
8B
SOT-89
18 V
L78L24ABZ-TR
L78L24
TO-92
24 V
L78L24ACUTR
8P
SOT-89
24 V
L78L24ACZ-AP
L78L24
TO-92
24 V
L78L33ABD-TR
78L33B
SO-8
3.3 V
L78L33ABD-TR
8A
SOT-89
3.3 V
L78L33ABZ-AP
L78L33
TO-92
3.3 V
L78L33ACD13TR
78L33A
SO-8
3.3 V
L78L33ACUTR
8A
SOT-89
3.3 V
L78L33ACZ
L78L33
TO-92
3.3 V
L78L33ACZ-AP
L78L33
TO-92
3.3 V
Table 29. Marking information (continued)
Part numbers
Marking
Packages
Output voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com