Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0034MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0034MA/NOPB
Description  SMPTE 292M / 259M Adaptive Cable Equalizer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0034MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMH0034MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LMH0034
SNLS213H – JANUARY 2006 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage
−0.5V to 3.6V
Input Voltage (all inputs)
−0.3V to VCC+0.3V
Storage Temperature Range
−65°C to +150°C
Junction Temperature
+150°C
Lead Temperature (Soldering 4 Sec)
+260°C
Package Thermal Resistance
θJA 16-pin SOIC
+115°C/W
θJC 16-pin SOIC
+105°C/W
ESD Rating (HBM)
8 kV
ESD Rating (MM)
250V
(1)
Absolute Maximum Ratings are those parameter values beyond which the life and operation of the device cannot be ensured. The
stating herein of these maximums shall not be construed to imply that the device can or should be operated at or beyond these values.
The table of Electrical Characteristics specifies acceptable device operating conditions.
Recommended Operating Conditions
Supply Voltage (VCC – VEE)
3.3V ±5%
Input Coupling Capacitance
1.0 µF
AEC Capacitor (Connected between AEC+ and AEC-)
1.0 µF
Operating Free Air Temperature (TA)
0°C to +85°C
DC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
(1) (2).
Symbol Parameter
Conditions
Reference
Min
Typ
Max
Units
VCMIN
Input Common Mode Voltage
SDI, SDI
1.9
V
VSDI
Input Voltage Swing
At LMH0034 input(3)(4)
720
800
950
mVP−P
VCMOUT Output Common Mode Voltage
SDO, SDO
VCC –
V
VSDO/2
VSDO
Output Voltage Swing
50
Ω load, differential
750
mVP-P
CLI DC Voltage
0m cable(5)
CLI
2.5
V
Max cable(5)
1.9
V
MUTEREF DC Voltage (floating)
MUTEREF
1.3
V
MUTEREF Range
0.7
V
CD/MUTE Output Voltage
Carrier not present
CD/MUTE
2.6
V
Carrier present
0.4
V
CD/MUTE Input Voltage
Min to mute outputs
3.0
V
Max to force outputs active
2.0
V
ICC
Supply Current
.(6)
63
77
mA
(1)
Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are stated
referenced to VEE = 0 Volts.
(2)
Typical values are stated for VCC = +3.3V and TA = +25°C.
(3)
Specification is ensured by characterization.
(4)
The maximum input voltage swing assumes a nonstressing, DC-balance signal; specifically, the SMPTE-recommended color bar test
signal. Pathological or other stressing signals may not be used. This specification is for 0m cable only.
(5)
Input signal must be present for valid CLI. Refer to Figure 2 for typical results.
(6)
Supply current depends on the amount of cable being equalized. The current is highest for short cable and decreases as the cable
length is increased. Refer to Figure 3 and Figure 4.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH0034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com