Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDBH0230-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBH0230-G
Description  SMD Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBH0230-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBH0230-G Datasheet HTML 1Page - Comchip Technology CDBH0230-G Datasheet HTML 2Page - Comchip Technology CDBH0230-G Datasheet HTML 3Page - Comchip Technology CDBH0230-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristic Curves (CDBH0230-G)
Page 2
REV:A
Fig.1- Recovery Time Equivalent Test Circuit
SMD Small Signal Schottky Diodes
Forward Voltage, (V)
0.6
0.4
0.1
0
Fig.2 - Typical Forward Characteristics
0.1
1.0
10
100
0.2
0.3
0.5
0.7
TA=150°C
TA=125°C
TA=85°C
TA=25°C
TA= -55°C
TA= -40°C
QW-BA019
Reverse Voltage, (V)
Fig.4 - Total Capacitance
0
8
2
4
6
12
14
0
10
20
30
5
10
15
25
Fig.3 - Leakage Current
Reverse Voltage, (V)
0
10
15
25
5
20
O
TA=25 C
O
TA=85 C
O
TA=125 C
O
TA=150 C
0.001
0.01
100
10
1
0.1
1000
30
1. A 2.0 kΩ variable resistor adjusted for a Forward Current (IF) of 10 mA.
2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
3. tp >> tIT
Notes:
INPUT SIGNAL
tp
t
t
OUTPUT PULSE
(IF = IR = 10 mA ;
measured at IR(REC) = 1 mA)
IR
IF
IR(REC) = 1 mA
trr
t
10%
90%
VR
50Ω Output
Pulse
Generator
50Ω Input
Sampling
Oscilloscope
DUT
0.1μF
0.1μF
100μH
IF
2 kΩ
820Ω
+10 V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com