Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC35VB80S-G Datasheet(PDF) 2 Page - Comchip Technology

Part # SC35VB80S-G
Description  Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SC35VB80S-G Datasheet(HTML) 2 Page - Comchip Technology

  SC35VB80S-G Datasheet HTML 1Page - Comchip Technology SC35VB80S-G Datasheet HTML 2Page - Comchip Technology SC35VB80S-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
REV: A
Rating and Characteristics Curves (SC35VB80S-G)
QW-BBR66
Comchip Technology CO., LTD.
Fig.4 - Typical Reverse Characteristics
0
40
80
100
140
0.01
Percent of Rated Peak Reverse Voltage, (V)
0.1
1.0
10.0
120
60
20
Fig.2 - Typical Forward Characteristics
Instantaneous Forward Voltage, (V)
0.4
1.0
10
100
0.1
0.01
0.6
1.2
1.4
1.6
0.8
1.0
TJ=25°C
Number Of Cycles At 60 HZ
Fig.3 - Maximum Forward Surge Current
1
10
100
0
200
450
400
350
300
500
1
100
150
Case Temperature, (°C)
0
10
20
40
30
Fig.1 - Dearting Current Output Rectified Current
50
50
With Heatsink
Glass Passivated Bridge Rectifiers
100
250
150
50
Pulse width 8.3ms
single half sine-wave
(JEDEC Method)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com