Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SF51-G Datasheet(PDF) 1 Page - Comchip Technology

Part # SF51-G
Description  Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SF51-G Datasheet(HTML) 1 Page - Comchip Technology

  SF51-G Datasheet HTML 1Page - Comchip Technology SF51-G Datasheet HTML 2Page - Comchip Technology SF51-G Datasheet HTML 3Page - Comchip Technology SF51-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Parameter
Symbol
Unit
Max. repetitive peak reverse voltage
Max. DC blocking voltage
Max. RMS voltage
Peak forward voltage at IF=4.0A DC
Forward surge current, 8.3ms single
half sine-wave superimposed on rated
load (JEDEC method)
Max. Reverse recovery time (Note 1)
@TJ=25°C
Max. DC reverse current
at rated DC bolcking voltage
Typical. thermal resistance (Note 3)
Operating junction temperature
Storage temperature range
@TJ=100°C
Reverse Voltage: 50 to 600 Volts
Forward Current: 5.0 Amp
RoHS Device
Dimensions in inches and (millimeter)
Features
-Supper fast switching time for high efficiency.
-Low forward voltage drop.
-High current capability.
-Low reverse leakage current.
Mechanical data
-Case: Molded plastic, JEDEC DO-27 molded plastic.
-Terminals: Solderable per MIL-STD-750, method 2026.
-Polarity: Color band denotes cathode.
-Weight: 1.1 grams approx.
SF51-G Thru. SF58-G
Page 1
QW-BS007
Super Fast Rectifiers
REV: A
Comchip Technology CO., LTD.
DO-27
VRRM
VDC
VRMS
IO
VF
IFSM
Trr
IR
TJ
TSTG
RθJA
SF51-G
SF52-G
SF53-G
SF54-G
SF55-G
50
50
35
100
100
70
150
150
105
5.0
150
35
5.0
100
10
-55 to +125
-55 to +150
200
200
140
300
300
210
V
V
V
A
V
A
nS
μA
°C/W
°C
°C
0.95
1.30
Note 1. Measured with IF=0.5A, IR=1A, IRR=0.25A
1.25
-Plastic material has UL flammability classification 94V-0
1.0(25.4) min.
1.0(25.4) min.
0.375(9.50)
0.335(8.50)
0.220(5.60)
0.197(5.00)
0.052(1.30)
0.048(1.20)
DIA.
DIA.
SF56-G
400
400
280
SF58-G
600
600
420
Max. averaged forward rectified current
@TA=55°C
IR
50
40
Typical Junction capacitance (Note 2)
CJ
90
pF
75
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Thermal resistance junction to ambient.
-Mounting position: Any.
Maximum Ratings and Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - SF51-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SF51-G COMCHIP-SF51-G Datasheet
90Kb / 4P
Super Fast Rectifiers
More results

Similar Description - SF51-G

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com