Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESAC33MN Datasheet(PDF) 1 Page - Fuji Electric

Part # ESAC33MN
Description  FAST RECOVERY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ESAC33MN Datasheet(HTML) 1 Page - Fuji Electric

  ESAC33MN Datasheet HTML 1Page - Fuji Electric ESAC33MN Datasheet HTML 2Page - Fuji Electric ESAC33MN Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10.5 Max.
Ø3.2+0.2
5.08
2.54
0.8
1.2
4.5Max.
2.0
2.7
0.4
-0.1
6.0
ESAC33M(C,N,D) (8A)
(200V / 8A)
FAST RECOVERY DIODE
Outline drawings, mm
Features
Insulated package by fully molding
High voltage by mesa design
High reliability
Applications
High speed switching
Maximum ratings and characteristics
Absolute maximum ratings
Item
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
Average output current
Surge current
Operating junction temperature
Storage temperature
Symbol
VRRM
VRSM
IO
IFSM
Tj
Tstg
Conditions
30
-40 to +150
-40 to +150
Unit
V
V
A
A
°C
°C
Electrical characteristics (Ta=25°C Unless otherwise specified )
Item
Forward voltage drop
Reverse current
Reverse recovery time
Thermal resistance
Symbol
VFM
IRRM
t rr
Rth(j-c)
Conditions
IFM=2.0A
VR=VRRM
IF=0.1A, IR=0.1A
Junction to case
Max.
1.4
500
100
3.5
Unit
V
µA
ns
°C/W
Square wave, duty=1/2, Tc=95°C
Sine wave 10ms
Rating
-02
200
200
8*
Connection diagram
*Average forward current of centertap full wave connection
ESAC33M-
C
ESAC33M-
N
ESAC33M-
D
1
1
1
2
2
2
3
3
3
JEDEC
EIAJ
SC-67


Similar Part No. - ESAC33MN

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ESAC33C FUJI-ESAC33C Datasheet
67Kb / 4P
FAST RECOVERY DIODE
ESAC33CS FUJI-ESAC33CS Datasheet
71Kb / 4P
FAST RECOVERY DIODE
ESAC33D FUJI-ESAC33D Datasheet
67Kb / 4P
FAST RECOVERY DIODE
ESAC33N FUJI-ESAC33N Datasheet
67Kb / 4P
FAST RECOVERY DIODE
More results

Similar Description - ESAC33MN

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com