Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FT4232H Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # FT4232H
Description  Quad High Speed USB to Multipurpose UART/MPSSE IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232H Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  FT4232H Datasheet HTML 1Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 2Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 3Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 4Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 5Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 6Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 7Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 8Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
Copyright © 2010 Future Technology Devices International Limited
5
Document No.: FT_000060
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet Version 2.2
Clearance No.: FTDI#78
Table of Contents
1
Typical Applications...................................................................... 2
1.1
Driver Support .................................................................................... 2
1.2
Part Numbers...................................................................................... 3
1.3
USB Compliant .................................................................................... 3
2
FT4232H Block Diagram ............................................................... 4
3
Device Pin Out and Signal Description.......................................... 7
3.1
64-Pin LQFP and 64-Pin QFN Package Schematic Symbol ................... 7
3.2
FT4232H Pin Descriptions................................................................... 8
3.3
Common Pins.................................................................................... 10
3.4
Configured Pins ................................................................................ 12
3.4.1
FT4232H pins used as an asynchronous serial interface .................................................. 12
3.4.2
FT4232H pins used in a Synchronous or Asynchronous Bit-Bang Interface ........................ 13
3.4.3
FT4232H pins used in an MPSSE .................................................................................. 14
4
Function Description................................................................... 15
4.1
Key Features..................................................................................... 15
4.2
Functional Block Descriptions ........................................................... 15
4.3
FT232 UART Interface Mode Description........................................... 17
4.3.1
RS232 Configuration .................................................................................................. 17
4.3.2
RS422 Configuration .................................................................................................. 18
4.3.3
RS485 Configuration .................................................................................................. 19
4.4
MPSSE Interface Mode Description. .................................................. 20
4.4.1
MPSSE Adaptive Clocking............................................................................................ 21
4.5
Synchronous and Asynchronous Bit-Bang Interface Mode Description
22
4.6
FT4232H Mode Selection................................................................... 24
5
Devices Characteristics and Ratings ........................................... 25
5.1
Absolute Maximum Ratings............................................................... 25
5.2
DC Characteristics............................................................................. 26
5.3
ESD Tolerance................................................................................... 28
6
FT4232H Configurations ............................................................. 29
6.1
USB Bus Powered Configuration ...................................................... 29
6.2
USB Self Powered Configuration ....................................................... 31
6.3
Oscillator Configuration .................................................................... 33
6.4
4 Channel Transmit and Receiver LED Indication Example ............... 34
7
EEPROM Configuration................................................................ 35
8
Package Parameters................................................................... 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com