Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KA2ES-2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # KA2ES-2
Description  Mechanical accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KA2ES-2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  KA2ES-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers KA2ES-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers KA2ES-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers KA2ES-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers KA2ES-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers KA2ES-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers KA2ES-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers KA2ES-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6.12 - UL FORMULA Molded Case Circuit Breakers
5.12
130
1.97
50
1.97
50
1.18
30
1.18
30
1.18
30
0.41
10.5
2.95
75
1.57
40
0.20
5
1.18
30
1.18
30
0.41
10.5
0.24 MAX
6
0.98
25
ES Terminals
Caption
1 Front extended spread
terminals
2 100mm insulating barriers
between the terminals
(compulsory) supplied
3 pole
2 pole
Approximate dimensions
A2 - Circuit breaker and terminals



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com