Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KT11B2SAM Datasheet(PDF) 1 Page - C&K Components

Part # KT11B2SAM
Description  Sealed Tactile Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KT11B2SAM Datasheet(HTML) 1 Page - C&K Components

  KT11B2SAM Datasheet HTML 1Page - C&K Components KT11B2SAM Datasheet HTML 2Page - C&K Components KT11B2SAM Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KT11B0CM
MOM. = Momentary
With B1 Silicone
Rubber Actuator
With B2 Silicone
Rubber Actuator
With P2 Hard
Plastic Actuator
With P3 Hard
Plastic Actuator
With P4 Hard
Plastic Actuator
PC MOUNTING
Features /Benefits
Typical Applications
S Internal actuator seal and insert molded terminals—
permit soldering and cleaning
S Tin-lead plated terminals—improves solderability
S Tape and reel packaging available
S Right angle surface mount models available
S Telecommunications
S Computer Products
S Instrumentation
SPST
Sealed Tactile Switches
KT Series
C
C-3
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
How To Order
Complete part numbers for KT Series Sealed Tactile Switches are shown on pages C-3 thru C-5.
Specifications
CONTACT RATING: 1.0 VA max. @ 50 V AC or DC max.
MECHANICAL & ELECTRICAL LIFE: 100,000 make-and-break
cycles at full load.
CONTACT RESISTANCE: Below 50 milliohms typ. initial @
2-4 V DC, 100 mA.
INSULATION RESISTANCE: 109 ohms min.
DIELECTRIC STRENGTH: 250 V RMS min. @ sea level.
OPERATING TEMPERATURE: –40
_C to 90_C.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
DEGREE OF PROTECTION: IP57; Protection against harmful dust
deposit, full-scale voltage protection, temporary immersion.
PACKAGING: Switches supplied in rigid dispensing tubes
or anti-static tape and reels per EIA 481-2, see pages
L-36 and L-37 for drawings and reel information. Tape and
cover strip are conductive for use near statically sensitive
components, consult Customer Service Center.
Materials
HOUSING: Stainless steel.
BASE: LCP or PPA (UL 94V-0).
ACTUATOR: B0, B1, B2 actuators: Silicone rubber.
P2, P3, P4 actuators: Nylon (UL 94V-0).
MOVABLE CONTACT: Stainless steel, silver plated.
STATIONARY CONTACTS: Copper alloy, silver plate over nickel.
TERMINALS: Copper alloy, with tin-lead alloy over nickel plate.
All terminals insert molded.
SEAL: Silicone rubber (UL 94V-0).
NOTE: Specifications and materials listed above are general specifications for switches
with standard options. For information on specific and custom switches, consult Customer
Service Center.
CAUTION: PC mounting layouts and pads as shown are designed to be compatible with the
latest equipment and reflow techniques. Care should be taken in the design and location of
PC lands to suit individual needs. Orientation relative to reflow direction may significantly
impact solder joint integrity.
6.22 x 6.38mm Models
SWITCH FUNCTION
POS. 1
POS. 2
PART NUMBER
ACTUATOR
HEIGHT
KT11B0CM
FLUSH
OFF
MOM.
KT11B1CM
.025 (0,64)
OFF
MOM.
KT11B2CM
.088 (2,24)
OFF
MOM.
KT11P2CM
.093 (2,36)
OFF
MOM.
KT11P3CM
.044 (1,12)
OFF
MOM.
KT11P4CM
.156 (3,96)
OFF
MOM.
Conn. Terms
OPEN
1,2 - 3,4
Schematic
SPST
Rev. A 8/99


Similar Part No. - KT11B2SAM

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KT11B2SAM34LFG ITT-KT11B2SAM34LFG Datasheet
216Kb / 4P
Right Angle Sealed Tact Switch for SMT
KT11B2SAM34LFS ITT-KT11B2SAM34LFS Datasheet
216Kb / 4P
Right Angle Sealed Tact Switch for SMT
KT11B2SAM35LFG ITT-KT11B2SAM35LFG Datasheet
216Kb / 4P
Right Angle Sealed Tact Switch for SMT
KT11B2SAM35LFS ITT-KT11B2SAM35LFS Datasheet
216Kb / 4P
Right Angle Sealed Tact Switch for SMT
More results

Similar Description - KT11B2SAM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
101-TS7311T1601-EV ETC2-101-TS7311T1601-EV Datasheet
147Kb / 1P
Tactile Switches
101-TS7311T1604BC-EV ETC2-101-TS7311T1604BC-EV Datasheet
149Kb / 1P
Tactile Switches
logo
Omron Electronics LLC
B3W-9 OMRON-B3W-9 Datasheet
875Kb / 10P
Illuminated Tactile Switches
logo
GREATECS
TP7 GREATECS-TP7 Datasheet
104Kb / 1P
7.2 x 7.2 mm Sealed Tactile Switches
logo
Omron Electronics LLC
B3WN OMRON-B3WN_10 Datasheet
304Kb / 4P
Sealed Tactile Switch
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
Tactile Switches
KSMC612A HOKURIKU-KSMC612A Datasheet
183Kb / 2P
Tactile Switches
KSMC632A HOKURIKU-KSMC632A Datasheet
216Kb / 2P
Tactile Switches
logo
Copal Electronics
TME COPAL-TME Datasheet
177Kb / 2P
Tactile Switches
logo
Omron Electronics LLC
B3W OMRON-B3W_V01 Datasheet
457Kb / 6P
Sealed Tactile Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com