Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E-L6920D Datasheet(PDF) 9 Page - STMicroelectronics

Part # E-L6920D
Description  1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L6920D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button E-L6920D Datasheet HTML 5Page - STMicroelectronics E-L6920D Datasheet HTML 6Page - STMicroelectronics E-L6920D Datasheet HTML 7Page - STMicroelectronics E-L6920D Datasheet HTML 8Page - STMicroelectronics E-L6920D Datasheet HTML 9Page - STMicroelectronics E-L6920D Datasheet HTML 10Page - STMicroelectronics E-L6920D Datasheet HTML 11Page - STMicroelectronics E-L6920D Datasheet HTML 12Page - STMicroelectronics E-L6920D Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9/13
L6920
Table 7. Capacitors distributors main list
5.3 Inductor selection
Usually, inductors ranging between 5
µH to 40µH satisfy most of the applications.
Small value inductors have smaller physical size and guarantee a faster response to load transient but in steady
state condition a bigger ripple on output voltage is generated. In fact the output ripple voltage is given by Ipeak
multiplied by ESR. Furthermore, as shown in equation (1), inductor size affects also the maximum current de-
liverable to the load. Lastly, a low series resistance is suggested if very high efficiency values are needed. Any-
way, the saturation current of the choke should be higher than the peak current limit of the device (1A).
Good surface mounting inductors are available from COILCRAFTS, COILTRONICS, MURATA and other souc-
es. In the following table are listed some suggested components.
Table 8. Inductors distributors main list
5.4 Layout Guidelines
The board layout is very important in order to minimize noise, high frequency resonance problems and electro-
magnetic interference.
It is essential to keep as small as possible the high switching current circulating paths to reduce radiation and
resonance problems. So, the output and input cap should be very close to the device.
The external resistor dividers, if used, should be as close as possible to the pins of the device (FB and LBI) and
as far as possible from the high current circulating paths, to avoid pick up noise.
Large traces for high current paths and an extended groundplane, help to reduce the noise and increase the
efficiency.
For an example of recommended layout see the following evaluation board.
Manufacturer
Series
Cap Value (
µF)
Rated Voltage (V)
ESR (m
Ω)
AVX
TPS
15 to 470
6.3
50 to 1500
KEMET
T510/T494/
T495
10 to 470
6
30 to 1000
PANASONIC
EEFCD
22 to 47
6.3
50 to 700
SANYO POSCAP
TPA/B/C
22 to 230
6.3
40 to 80
SPRAGUE
595D
100 to 390
6.3
160 to 700
Manufacturer
Series
Inductor Value (uH)
Saturation Current (A)
Coilcraft
DO1813HC
22 to 33
1 to 1.2
DO1608
4.7 to 15
0.9 to 1.5
Coiltronics
UP1B
22 to 33
1 to 1.2
TP3
4.7 to 15
0.97 to 1.6
BI
HM76-2
22 to 33
1 to 1.2
HM76-1
4.7 to 10
1 to 1.5
Murata
LQN6C
10 to 22
1.2 to 1.7
Panasonic
ELL6SH
10 to 22
0.9 to 1.5
ELL6RH
5.1 to10
11 to 1.55
Sumida
CR43
4.7 to 10
0.84 to 1.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com