Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HS4-3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HS4-3
Description  HEX SPACER STANDOFFS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HS4-3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HS4-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
11/16/00
RG
FILE # WAS 02010
B
10/02/02
SM
SEE ECN #477 FOR CHANGES
C
07/02/04
SM
SEE ECN #816 FOR CHANGES
D
07/10/07
SK
SEE ECN #1337 FOR CHANGES
"LENGTH"
"D"
"H"
NOTES:
1. MATERIAL: CPVC (RMS-11)
2. COLOR: LIGHT GRAY.
PRINT
TYPE
A
C
SEE TABLE
PART #
CHKD:
APP:
DWN:
DT:
SHEET SIZE:
SHEET:
FILE #:
1 OF 2
A
07/02/04
-
HS
SM
-
FINAL
DWG IN
IN [MM]
RICHCO, INC.
ENG@RICHCO-INC.COM
(773) 539-4060
RE:
RICHCO, INC.
CREATED USING
SOLIDWORKS
TOLERANCES
UNLESS NOTED
.XX=±.010
.XXX=±.005
FRAC.=±1/64
ANG.=±1°
TITLE:
HEX SPACER STANDOFFS
DESCRIPTION
ENGR.
DATE
REV.


Similar Part No. - HS4-3

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
HS4-3 RICHCO-HS4-3 Datasheet
130Kb / 1P
HEX SPACER STANDOFFS
logo
Intersil Corporation
HS4-3182-8 INTERSIL-HS4-3182-8 Datasheet
196Kb / 7P
ARINC 429 Bus Interface Line Driver
June 5, 2007
HS4-3182-8 INTERSIL-HS4-3182-8 Datasheet
201Kb / 7P
ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
HS4-3182-8 INTERSIL-HS4-3182-8 Datasheet
199Kb / 7P
ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
logo
Renesas Technology Corp
HS4-3182-8 RENESAS-HS4-3182-8 Datasheet
358Kb / 10P
ARINC 429 Bus Interface Line Driver Circuit
Feb 28, 2020
More results

Similar Description - HS4-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2149 ETC2-2149 Datasheet
110Kb / 2P
HEX MALE/FEMALE STANDOFFS
logo
Richco, Inc.
HS-4-8 RICHCO-HS-4-8 Datasheet
130Kb / 1P
HEX SPACER STANDOFFS
HS-4-3 RICHCO-HS-4-3 Datasheet
130Kb / 1P
HEX SPACER STANDOFFS
logo
List of Unclassifed Man...
M1308-3005-N ETC2-M1308-3005-N Datasheet
300Kb / 1P
6mm HEX FEMALE STANDOFFS
logo
RAF ELECTRONIC HARDWARE
2052-440-SS RAF-2052-440-SS Datasheet
73Kb / 1P
3/16 HEX FEMALE STANDOFFS
2053-440-B RAF-2053-440-B Datasheet
79Kb / 1P
3/16 HEX FEMALE STANDOFFS
2055-256-SS RAF-2055-256-SS Datasheet
97Kb / 1P
3/16 HEX FEMALE STANDOFFS
2056-440-SS RAF-2056-440-SS Datasheet
105Kb / 1P
3/16 HEX FEMALE STANDOFFS
2057-256-AL RAF-2057-256-AL Datasheet
128Kb / 1P
3/16 HEX FEMALE STANDOFFS
2057-440-SS RAF-2057-440-SS Datasheet
112Kb / 1P
3/16 HEX FEMALE STANDOFFS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com