Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COM-QM77 Datasheet(PDF) 1 Page - AAEON Technology

Part # COM-QM77
Description  COM Express Type 6 CPU Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-QM77 Datasheet(HTML) 1 Page - AAEON Technology

  COM-QM77 Datasheet HTML 1Page - AAEON Technology COM-QM77 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
06-1
06
DDR3 SODIMM
2nd/3rd Generation Onboard Intel® Core™ i7/ i3/
Celeron® Processor
Intel® QM77 PCH
Intel® 82579LM Gigabit Ethernet
Features
Specifications
COM-QM77 Rev. B
Onboard Intel® Core™ i7/ i5/ i3/ Celeron® Processor
■
■
(FCBGA1023)
Intel® QM77/HM76 PCH
■
■
Dual-channel SODIMM DDR3 1333/1600 Memory, Max. 16 GB
■
■
Gigabit Ethernet (iAMT 8.0 Support)
■
■
CRT, Up to 24-bit Dual-channel LVDS LCD, DisplayPort™
■
■
SATA 6.0Gb/s x 2 + SATA 3.0Gb/s x 2
■
■
USB3.0 x 4, USB2.0 x 8
■
■
PCI-Express [x16] x 1, PCI-Express [x1] x 7
■
■
COM Express Basic Module, Pin-out Type 6,
■
■
COM.0 Rev. 2.0
COM Express Type 6 CPU Module with Onboard Intel® Core™ i7/i5/i3/Celeron® Processor
M2.5 Screw x 5
•
Product CD
•
COM-QM77 Rev. B
•
Packing List
System
Form Factor
COM Express Basic module, Pin-out Type 6, COM. 0 Rev. 2.0
Processor
Onboard Intel® Core™ i7/i5/i3/Celeron® Processor (FCBGA1023)
System Memory
204-pin DDR3 SODIMM x 2, Max. 16GB (DDR3 1333/1600),support dual-channel
function
Chipset
Intel® QM77/HM76
I/O Chipset
Intel® QM77/HM76
Ethernet
Intel® 82579LM, 10/100/1000Base-TX
TPM
v1.2 (optional)
BIOS
AMI BIOS
SPI type, 16MB ROM
EEPROM
Atmel® AT24C02, save BIOS and Configuration data (Optional)
Wake On Lan
Yes
Watchdog Timer
ITE8518E-L, 255 levels
H/W status Monitoring
Supports CPU Temperature Monitoring
Expansion interface
PCI-Express [x16] x 1
PCI-Express [x1] x 7
LPC bus x 1
SMBus x 1
UART x 2 (TX/RX only)
Power Requirement
+12V only
2-pin wafer for RTC battery
Power Consumption
Intel® i3-3217UE 1.6GHz, DDR3 4GB
2.23A@+12V (w/ ECB-917T)
Board Size
4.92" (L) x 3.74"(W) (125mm x 95mm)
Gross Weight
0.66lb (0.3kg)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
83,000
Display
Supports HDMI/ DP, CRT or HDMI/ DP/ DVI simultaneous/ three view displays
Chipset
Intel® Core™ i7/i5/i3/Celeron® processor integrated
DirectX 11, OpenGL *3.1, OpenCL* 1.1
Integrated hardware MPEG2 decoder
Memory
Shared system memory up to 512MB/ DVMT 5.0
Resolution
Up to 2560 x 2048 for CRT (two display), 2048 x 1536 for three displays
Up to 1920 x 1200 (UXGA) for LCD/HDMI
Up to 2560 x 1600 for DP
Up to 2548 x 1536 for DVI
LCD Interface
Up to 24-bit dual-channel LVDS
HDMI
Supports HDMI x 2
DVI
Supports DVI x 2
DisplayPort
Supports DisplayPort™ x 2
I/O
Storage
SATA 3.0Gb/s x 2
SATA 6.0Gb/s x 2
Serial Port
UART x 2 (TX/RX only)
Parallel Port
—
USB
USB2.0 x 8
USB3.0 x 4
PS/2 Port
—
IrDA
—
Audio
High definition audio
GPIO
Up to 4 in and 4 out


Similar Part No. - COM-QM77

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-QM77 AAEON-COM-QM77 Datasheet
276Kb / 2P
COM Express Type 6 CPU Module
COM-QM77-B AAEON-COM-QM77-B Datasheet
334Kb / 2P
Dual-Channel DDR3 1333/1600 MHz SODIMM x 2, Up to 16 GB
COM-QM77-B10 AAEON-COM-QM77-B10 Datasheet
276Kb / 2P
COM Express Type 6 CPU Module
COM-QM77-B10-01 AAEON-COM-QM77-B10-01 Datasheet
276Kb / 2P
COM Express Type 6 CPU Module
COM-QM77-B10-02 AAEON-COM-QM77-B10-02 Datasheet
276Kb / 2P
COM Express Type 6 CPU Module
More results

Similar Description - COM-QM77

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-CV AAEON-COM-CV Datasheet
222Kb / 2P
COM Express Type 6 CPU Module
COM-LN AAEON-COM-LN Datasheet
218Kb / 2P
COM Express Type 2 CPU Module
COM-QM77 AAEON-COM-QM77 Datasheet
276Kb / 2P
COM Express Type 6 CPU Module
COM-U15 AAEON-COM-U15 Datasheet
294Kb / 2P
COM Express Type 2 CPU Module
COM-CV AAEON-COM-CV Datasheet
222Kb / 2P
COM Express Type 6 CPU Module
COM-LN AAEON-COM-LN Datasheet
218Kb / 2P
COM Express Type 2 CPU Module
COM-CV AAEON-COM-CV_15 Datasheet
222Kb / 2P
COM Express Type 6 CPU Module
COM-LN AAEON-COM-LN_15 Datasheet
218Kb / 2P
COM Express Type 2 CPU Module
COM-QM77 AAEON-COM-QM77_15 Datasheet
276Kb / 2P
COM Express Type 6 CPU Module
COM-U15 AAEON-COM-U15_15 Datasheet
294Kb / 2P
COM Express Type 2 CPU Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com