Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NSPA510AS Datasheet(PDF) 5 Page - AAEON Technology

Part # NSPA510AS
Description  SPECIFICATIONS FOR NICHIA AMBER LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

NSPA510AS Datasheet(HTML) 5 Page - AAEON Technology

  NSPA510AS Datasheet HTML 1Page - AAEON Technology NSPA510AS Datasheet HTML 2Page - AAEON Technology NSPA510AS Datasheet HTML 3Page - AAEON Technology NSPA510AS Datasheet HTML 4Page - AAEON Technology NSPA510AS Datasheet HTML 5Page - AAEON Technology NSPA510AS Datasheet HTML 6Page - AAEON Technology NSPA510AS Datasheet HTML 7Page - AAEON Technology NSPA510AS Datasheet HTML 8Page - AAEON Technology NSPA510AS Datasheet HTML 9Page - AAEON Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
-4-
7.CAUTIONS
The LEDs are devices which are materialized by combining Blue LEDs and special phosphors.
Consequently, the color of the LEDs is changed a little by an operating current.
Care should be taken after due consideration when using LEDs.
(1) Lead Forming
· When forming leads, the leads should be bent at a point at least 3mm from the base of the epoxy bulb.
Do not use the base of the leadframe as a fulcrum during lead forming.
· Lead forming should be done before soldering.
· Do not apply any bending stress to the base of the lead. The stress to the base may damage the LED’s
characteristics or it may break the LEDs.
· When mounting the LEDs onto a printed circuit board, the holes on the circuit board should be
exactly aligned with the leads of the LEDs. If the LEDs are mounted with stress at the leads,
it causes deterioration of the epoxy resin and this will degrade the LEDs.
(2) Storage
· The LEDs should be stored at 30°C or less and 70%RH or less after being shipped from Nichia and
the storage life limits are 3 months.
If the LEDs are stored for 3 months or more, they can be
stored for a year in a sealed container with a nitrogen atmosphere and moisture absorbent material.
· Nichia LED leadframes are silver plated copper alloy. The silver surface may be affected by
environments which contain corrosive substances. Please avoid conditions which may cause the LED
to corrode, tarnish or discolor. This corrosion or discoloration may cause difficulty during soldering
operations. It is recommended that the LEDs be used as soon as possible.
· Please avoid rapid transitions in ambient temperature, especially, in high humidity environments where
condensation can occur.
(3) Recommended circuit
· In designing a circuit, the current through each LED must not exceed the absolute maximum rating
specified for each LED. It is recommended to use Circuit B which regulates the current flowing
through each LED. In the meanwhile, when driving LEDs with a constant voltage in Circuit A, the
current through the LEDs may vary due to the variation in forward voltage (VF) of the LEDs. In the
worst case, some LED may be subjected to stresses in excess of the absolute maximum rating.
· This product should be operated in forward bias. A driving circuit must be designed so that the product
is not subjected to either forward or reverse voltage while it is off. In particular, if a reverse voltage is
continuously applied to the product, such operation can cause migration resulting in LED damage.
(A)
(B)
Nichia STS-DA1-0306A
<Cat.No.081120>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com