Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD57045-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # PD57045-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57045-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PD57045-E Datasheet HTML 3Page - STMicroelectronics PD57045-E Datasheet HTML 4Page - STMicroelectronics PD57045-E Datasheet HTML 5Page - STMicroelectronics PD57045-E Datasheet HTML 6Page - STMicroelectronics PD57045-E Datasheet HTML 7Page - STMicroelectronics PD57045-E Datasheet HTML 8Page - STMicroelectronics PD57045-E Datasheet HTML 9Page - STMicroelectronics PD57045-E Datasheet HTML 10Page - STMicroelectronics PD57045-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
PD57045-E, PD57045S-E
Typical performance
Doc ID 12616 Rev 2
7/20
4.1
PD57045S-E
Figure 7.
Output power vs input power
Figure 8.
Input return loss vs output power
Figure 9.
Power gain vs output power
Figure 10.
Drain efficiency vs output power
0
0.5
1
1.5
2
2.5
3
3.5
Pin, INPUT POWER (W)
0
10
20
30
40
50
60
10
11
12
13
14
15
16
Gp
Pout
VDD= 28 V
IDQ= 250 mA
f = 945 MHz
0
102030
405060
Pout, OUTPUT POWER (W)
-40
-30
-20
-10
0
f =945 MHz
Vdd =28 V
Idq =250mA
0.1
1
10
100
Pout, OUTPUT POWER (W)
10
11
12
13
14
15
16
17
Idq = 450 mA
Idq = 250 mA
Idq = 150 mA
Idq = 75 mA
Vdd = 28 V
f = 945 Mhz
0
1020
3040
5060
Pout, OUTPUT POWER (W)
0
10
20
30
40
50
60
f = 945 MHz
Vdd =28 V
Idq =250 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com