Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6C20400SLE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C20400SLE
Description  1 4 Clock Driver for Intel PCI Express Chipsets
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C20400SLE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C20400SLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C20400SLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C20400SLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C20400SLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C20400SLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C20400SLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C20400SLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C20400SLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C20400SLE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PS8931A
12/10/07
PI6C20400S
1:4 Clock Driver for Intel
PCI Express Chipsets
Pin Descriptions
Pin Name
Type
Pin No
Description
SRC & SRC#
Input
2, 3
0.7V Differential SRC input from PI6C410 clock synthesizer
OE_0 & OE_3
Input
8, 21
3.3V LVTTL input for enabling outputs, active high.
OE_0 for OUT0 / OUT0#
OE_3 for OUT3 / OUT3#
OE_INV
Input
25
3.3V LVTTL input for inverting the OE, SRC_STOP# and
PWRDWN# pins.
When 0 = same stage
When 1 = OE_0, OE_3, SRC_STOP#, PWRDWN# inverted.
OUT[0:3] & OUT[0:3]#
Output
6, 7, 9, 10, 19, 20,
22, 23
0.7V Differential outputs
PLL/BYPASS#
Input
12
3.3V LVTTL input for selecting fan-out of PLL operation.
SCLK
Input
13
SMBus compatible SCLOCK input
SDA
I/O
14
SMBus compatible SDATA
IREF
Input
26
External resistor connection to set the differential output current
SRC_STOP#
Input
16
3.3V LVTTL input for SRC stop, active low
PLL_BW#
Input
17
3.3V LVTTL input for selecting the PLL bandwidth
PWRDWN#
Input
15
3.3V LVTTL input for Power Down operation, active low
VDD
Power
1, 5, 11, 18, 24
3.3V Power Supply for Outputs
VSS
Ground
4
Ground for Outputs
VSS_A
Ground
27
Ground for PLL
VDD_A
Power
28
3.3V Power Supply for PLL
Serial Data Interface (SMBus)
PI6C20400S is a slave only SMBus device that supports indexed block read and indexed block write protocol using a single 7-bit
address and read/write bit as shown below.
Address assignment
A6
A5
A4
A3
A2
A1
A0
R/W
110
1
1
1
0
0/1
Data Protocol
1 bit
7 bits
1
1
8 bits
1
8 bits
1
8 bits
1
8 bits
1
1 bit
Start
bit
Slave
Addr
R/W
Ack
Register
offset
Ack
Byte
Count
= N
Ack
Data
Byte 0
Ack
…
Data
Byte N
- 1
Ack
Stop
bit
Notes:
1.
Register offset for indicating the starting register for indexed block write and indexed block read. Byte Count in write mode cannot be 0.
07-0265



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com