Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QTHA-2FS0 Datasheet(PDF) 1 Page - Ralston Instruments.

Part # QTHA-2FS0
Description  1/4 female NPT x male Quick-test, no check-valve, S.S.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

QTHA-2FS0 Datasheet(HTML) 1 Page - Ralston Instruments.

  QTHA-2FS0 Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
QTHA-2FS0
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
QTHA-2FS0
1/4" female NPT x male Quick-test, no check-valve, S.S.
Connect a Quick-test hose to a pressure gauge
or any device with a male NPT connection
using thread sealant and a wrench
Features
• Connect to pressure gauges with NPT connections
• Adapt to a wide range of Male NPT process connections
• Made in USA
Specifications
Pressure Range
0 to 5000 psi (0 to 345 bar)
End C1
1/4" Female NPT
End C2
Male Quick-test
Has Check Valve
No
Maximum Working
Temperature
225 °F (107 °C)
Construction
Stainless Steel
Seal materials
Buna-N
Dimensions A
1.57 in (3.99 cm)
Dimensions B
0.75 in (1.91 cm)


Similar Part No. - QTHA-2FS0

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTHA-2FS0 RALSTON-QTHA-2FS0 Datasheet
285Kb / 1P
Stainless Steel
QTHA-2FS0-MP RALSTON-QTHA-2FS0-MP Datasheet
543Kb / 1P
Connect to hoses, comparators
QTHA-2FS0-QD RALSTON-QTHA-2FS0-QD Datasheet
325Kb / 1P
1/4 female NPT Quick-connect x male Quick-test, no checkvalve, valve, S.s
QTHA-2FS0-QD RALSTON-QTHA-2FS0-QD Datasheet
288Kb / 1P
Stainless Steel
QTHA-2FS0-QD RALSTON-QTHA-2FS0-QD_19 Datasheet
288Kb / 1P
Stainless Steel
More results

Similar Description - QTHA-2FS0

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTHA-1FS0 RALSTON-QTHA-1FS0 Datasheet
322Kb / 1P
1/8 female NPT x male Quick-test, no check-valve, S.S.
QTHA-1MS0 RALSTON-QTHA-1MS0 Datasheet
310Kb / 1P
1/8 male NPT x male Quick-test, no check-valve, S.S.
QTHA-1MSA RALSTON-QTHA-1MSA Datasheet
311Kb / 1P
1/8 male NPT x female Quick-test, no check-valve, S.S.
QTHA-2FS1 RALSTON-QTHA-2FS1 Datasheet
322Kb / 1P
1/4 female NPT x male Quick-test, with check-valve, S.S.
QTHA-2FSA RALSTON-QTHA-2FSA Datasheet
317Kb / 1P
1/4 female NPT x female Quick-test, no check-valve, S.S.
QTHA-2MS0 RALSTON-QTHA-2MS0 Datasheet
310Kb / 1P
1/4 male NPT x male Quick-test, no check-valve, S.S.
QTHA-2MSA RALSTON-QTHA-2MSA Datasheet
311Kb / 1P
1/4 male NPT x female Quick-test, no check-valve, S.S.
QTHA-3FS0 RALSTON-QTHA-3FS0 Datasheet
321Kb / 1P
3/8 female NPT x male Quick-test, no check-valve, S.S.
QTHA-4FS0 RALSTON-QTHA-4FS0 Datasheet
321Kb / 1P
1/2 female NPT x male Quick-test, no check-valve, S.S.
QTHA-4MS0 RALSTON-QTHA-4MS0 Datasheet
310Kb / 1P
1/2 male NPT x male Quick-test, no check-valve, S.S.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com