Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5022MME/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5022MME/NOPB
Description  60V Low Side Controller for Boost and SEPIC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5022MME/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM5022MME/NOPB Datasheet HTML 1Page - Texas Instruments LM5022MME/NOPB Datasheet HTML 2Page - Texas Instruments LM5022MME/NOPB Datasheet HTML 3Page - Texas Instruments LM5022MME/NOPB Datasheet HTML 4Page - Texas Instruments LM5022MME/NOPB Datasheet HTML 5Page - Texas Instruments LM5022MME/NOPB Datasheet HTML 6Page - Texas Instruments LM5022MME/NOPB Datasheet HTML 7Page - Texas Instruments LM5022MME/NOPB Datasheet HTML 8Page - Texas Instruments LM5022MME/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
VIN
1
CS
2
SS
3
FB
4
RT
8
VCC
7
COMP
6
UVLO
5
9
10
OUT
GND
LM5022
SNVS480E – JANUARY 2007 – REVISED OCTOBER 2011
www.ti.com
Connection Diagram
Figure 1. 10-Lead MSOP
Pin Functions
Pin Descriptions
Pin(s)
Name
Description
Application Information
1
VIN
Source input voltage
Input to the start-up regulator. Operates from 6V to 60V.
Inverting input to the internal voltage error amplifier. The non-
2
FB
Feedback pin
inverting input of the error amplifier connects to a 1.25V
reference.
Error amplifier output and PWM
The control loop compensation components connect between this
3
COMP
comparator input
pin and the FB pin.
Output of the internal, high voltage linear
This pin should be bypassed to the GND pin with a ceramic
4
VCC
regulator.
capacitor.
5
OUT
Output of MOSFET gate driver
Connect this pin to the gate of the external MOSFET. The gate
driver has a 1A peak current capability.
6
GND
System ground
Set the start-up and shutdown levels by connecting this pin to the
7
UVLO
Input Under-Voltage Lock-out
input voltage through a resistor divider. A 20 µA current source
provides hysteresis.
Current Sense input
Input for the switch current used for current mode control and for
8
CS
current limiting.
An external resistor connected from this pin to GND sets the
Oscillator frequency adjust pin and
9
RT/SYNC
oscillator frequency. This pin can also accept an AC-coupled input
synchronization input
for synchronization from an external clock.
An external capacitor placed from this pin to ground will be
10
SS
Soft-start pin
charged by a 10 µA current source, creating a ramp voltage to
control the regulator start-up.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated
Product Folder Links: LM5022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com