Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAR-C4CL-40000-K02-R Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # FAR-C4CL-40000-K02-R
Description  Piezoelectric Resonator (24 to 40 MHz)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-C4CL-40000-K02-R Datasheet(HTML) 4 Page - fujitsu semiconductor

  FAR-C4CL-40000-K02-R Datasheet HTML 1Page - fujitsu semiconductor FAR-C4CL-40000-K02-R Datasheet HTML 2Page - fujitsu semiconductor FAR-C4CL-40000-K02-R Datasheet HTML 3Page - fujitsu semiconductor FAR-C4CL-40000-K02-R Datasheet HTML 4Page - fujitsu semiconductor FAR-C4CL-40000-K02-R Datasheet HTML 5Page - fujitsu semiconductor FAR-C4CL-40000-K02-R Datasheet HTML 6Page - fujitsu semiconductor FAR-C4CL-40000-K02-R Datasheet HTML 7Page - fujitsu semiconductor FAR-C4CL-40000-K02-R Datasheet HTML 8Page - fujitsu semiconductor FAR-C4CL-40000-K02-R Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FAR Family (C4 series L type)
s PART NUMBERING SYSTEM
(1) Series
(2) Package Type
(3) Package Type
(4) Frequency
See “s Standard Frequency.”
(Example)
Unit: kHz (Specify in five digits.)
24.0 MHz
→ 24000
(5) Initial Frequency Deviation
(6) Built-in Capacitor
(7) Resonant Resistance
Series
Single crystal
Capacitator
C4
LiNbO3
With built-in capacitator
Specification
Type
CCHIP
Specification
Size
L5.0
× 4.0 × 1.6
Specification
Deviation
K
±0.3%
M
±0.5%
Specification
Capacitance
020
±8 pF
110
±4 pF
Specification
Resonant resistance
275
Ω max.
FAR
C
(1) (2)
——
—
—
C
4
(3)
(4)
L
(5) (6) (7) (8) (9)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com