Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAR-C4CL-33869-M02-R Datasheet(PDF) 6 Page - fujitsu semiconductor

Part # FAR-C4CL-33869-M02-R
Description  Piezoelectric Resonator (24 to 40 MHz)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-C4CL-33869-M02-R Datasheet(HTML) 6 Page - fujitsu semiconductor

Back Button FAR-C4CL-33869-M02-R Datasheet HTML 2Page - fujitsu semiconductor FAR-C4CL-33869-M02-R Datasheet HTML 3Page - fujitsu semiconductor FAR-C4CL-33869-M02-R Datasheet HTML 4Page - fujitsu semiconductor FAR-C4CL-33869-M02-R Datasheet HTML 5Page - fujitsu semiconductor FAR-C4CL-33869-M02-R Datasheet HTML 6Page - fujitsu semiconductor FAR-C4CL-33869-M02-R Datasheet HTML 7Page - fujitsu semiconductor FAR-C4CL-33869-M02-R Datasheet HTML 8Page - fujitsu semiconductor FAR-C4CL-33869-M02-R Datasheet HTML 9Page - fujitsu semiconductor FAR-C4CL-33869-M02-R Datasheet HTML 10Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FAR Family (C4 series L type)
s MARKING
Data code (EIAJ standard) is specified as follows in four-year cycle.
Year
Month Symbol
Year
Month Symbol
Year
Month Symbol
Year
Month Symbol
1997
2001
1A
1998
2002
1N
1995
1999
2003
1a
1996
2000
2004
1n
2B
2P
2
b
2
3C
3
Q
3
c
3
4D
4R
4
d
4
r
5E
5S
5
e
5
6F
6T
6
f
6
t
7G
7
U
7
7
u
8H
8
V
8
8
9J
9
W
9
j
9
10
K
10
X
10
10
11
L
11
Y
11
11
12
M
12
Z
12
12
24
Ad
F
Fujitsu logo
10 pF
20 pF
Capacitance
Yellow
White
Making color
The marking color varies with the capacitance of the built-in capacitator.
Lot No. (Date of manufacture, conforms to EIAJ)
and serial number
Frequency symbol or
customer-specific symbol
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com