Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XTFT-2MS0 Datasheet(PDF) 1 Page - Ralston Instruments.

Part # XTFT-2MS0
Description  1/4 male NPT x male Quick-test XT, no check-valve, with cap and chain, S.S.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

XTFT-2MS0 Datasheet(HTML) 1 Page - Ralston Instruments.

  XTFT-2MS0 Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
XTFT-2MS0
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
XTFT-2MS0
1/4" male NPT x male Quick-test XT, no check-valve, with cap
and chain, S.S.
Connects Female NPT to Quick-test XT 10,000
psi hoses for permanent installation
Features
• Connect to pressure transmitters, EFMs, Flow Computers
and other NPT devices under test using thread sealant for a
permanent connection
• Cap and chains make calibration easy and quick by
connecting and disconnecting without a wrench or thread
sealant
• Note that these are not compatible with QT or QS hoses.
Please use Quick-test XT hoses
• Made in USA
Specifications
Pressure Range
0 to 10000 psi (0 to 689 bar)
End C1
1/4" Male NPT
End C2
Male Quick-test XT with Cap and Chain
Has Check Valve
No
Temperature range
0 to 225 °F (-18 to 107 °C)
Construction
Stainless Steel
Seal materials
Teflon, Viton
Dimensions A
1.85 in (4.70 cm)
Dimensions B
0.75 in (1.91 cm)


Similar Part No. - XTFT-2MS0

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
XTFT-2MS0 RALSTON-XTFT-2MS0 Datasheet
499Kb / 1P
Stainless Steel
XTFT-2MS0-MP RALSTON-XTFT-2MS0-MP Datasheet
495Kb / 1P
Connect to devices under test
XTFT-2MS0-RS RALSTON-XTFT-2MS0-RS Datasheet
318Kb / 1P
G 1/4 male BSPP (ISO 228/1) x male Quick-test XT, no checkvalve, with cap and chain,,SS
XTFT-2MS0 RALSTON-XTFT-2MS0_19 Datasheet
499Kb / 1P
Stainless Steel
More results

Similar Description - XTFT-2MS0

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTFT-1MS0 RALSTON-QTFT-1MS0 Datasheet
337Kb / 1P
1/8" male NPT x male Quick-test, no check-valve, with cap and chain, S.S.
QTFT-2MB0 RALSTON-QTFT-2MB0 Datasheet
349Kb / 1P
1/4" male NPT x male Quick-test, no check-valve, with cap and chain , brass
QTFT-2MS1 RALSTON-QTFT-2MS1 Datasheet
337Kb / 1P
1/4 male NPT x male Quick-test, with check-valve, with cap and chain, S.S.
QTFT-3MS0 RALSTON-QTFT-3MS0 Datasheet
337Kb / 1P
3/8 male NPT x male Quick-test, no check-valve, with cap and chain, S.S.
QTFT-3MS1 RALSTON-QTFT-3MS1 Datasheet
337Kb / 1P
3/8 male NPT x male Quick-test, with check valve, with cap and chain, S.S.
QTFT-4MS0 RALSTON-QTFT-4MS0 Datasheet
337Kb / 1P
1/2 male NPT x male Quick-test, no check-valve, with cap and chain, S.S.
QTFT-4MS1 RALSTON-QTFT-4MS1 Datasheet
337Kb / 1P
1/2 male NPT x male Quick-test, with check-valve, with cap and chain, S.S.
QTHA-2MS0 RALSTON-QTHA-2MS0 Datasheet
310Kb / 1P
1/4 male NPT x male Quick-test, no check-valve, S.S.
QTHA-2MS1 RALSTON-QTHA-2MS1 Datasheet
310Kb / 1P
1/4 male NPT x male Quick-test, with check-valve, S.S.
XTFT-HHSB RALSTON-XTFT-HHSB Datasheet
308Kb / 1P
Male Quick-test XT x male Quick-test XT bulkhead, with cap and chain, S.S.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com