Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAR-C4CL-24000-K02-R Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # FAR-C4CL-24000-K02-R
Description  Piezoelectric Resonator (24 to 40 MHz)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-C4CL-24000-K02-R Datasheet(HTML) 2 Page - fujitsu semiconductor

  FAR-C4CL-24000-K02-R Datasheet HTML 1Page - fujitsu semiconductor FAR-C4CL-24000-K02-R Datasheet HTML 2Page - fujitsu semiconductor FAR-C4CL-24000-K02-R Datasheet HTML 3Page - fujitsu semiconductor FAR-C4CL-24000-K02-R Datasheet HTML 4Page - fujitsu semiconductor FAR-C4CL-24000-K02-R Datasheet HTML 5Page - fujitsu semiconductor FAR-C4CL-24000-K02-R Datasheet HTML 6Page - fujitsu semiconductor FAR-C4CL-24000-K02-R Datasheet HTML 7Page - fujitsu semiconductor FAR-C4CL-24000-K02-R Datasheet HTML 8Page - fujitsu semiconductor FAR-C4CL-24000-K02-R Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FAR Family (C4 series L type)
s STANDARD CHARACTERISTICS
C4 Series
Remarks
Material
Lithium Niobate (LiNbO3)
Frequency
24 to 40 MHz
Standard frequency
See “s Standard Frequency”
Initial frequency deviation
Within
±0.5% (M)
The
±0.3% (K) version can also be
produced.
Temperature characteristic
(–30
°C to +85°C)
Within 0.5%
Reference temperature: +25
°C
Capacity of built-in capacitor
20
±8 pF (standard)
10
±4 pF are also available.
Capacity is specified by Fujitsu,
considering matching data with applied
IC (mainly microcomputer)
Aging stability
Within
±0.1%
Operating temperature
–30
°C to +85°C
Storage temperature
–40
°C to +100°C
Standard measuring circuit
• Resonant frequency
• Serial resonant resistance
1 M
Ω
R
C1
C2
24 MHz to 40 MHz
IC: MC74HCU04N
× 2
• V CC = 5 V DC
• R: Resonator
• C 1, C 2: Loading capacitators (built-in)
C1
C2
LM
R
75
Ω
75
Ω
OSC
Measuring instrument: Network analyzer
Series
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com