Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAR-M2CC-16M934-F150-R Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # FAR-M2CC-16M934-F150-R
Description  Piezoelectric VCO (6 to 30 MHz)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-M2CC-16M934-F150-R Datasheet(HTML) 4 Page - fujitsu semiconductor

  FAR-M2CC-16M934-F150-R Datasheet HTML 1Page - fujitsu semiconductor FAR-M2CC-16M934-F150-R Datasheet HTML 2Page - fujitsu semiconductor FAR-M2CC-16M934-F150-R Datasheet HTML 3Page - fujitsu semiconductor FAR-M2CC-16M934-F150-R Datasheet HTML 4Page - fujitsu semiconductor FAR-M2CC-16M934-F150-R Datasheet HTML 5Page - fujitsu semiconductor FAR-M2CC-16M934-F150-R Datasheet HTML 6Page - fujitsu semiconductor FAR-M2CC-16M934-F150-R Datasheet HTML 7Page - fujitsu semiconductor FAR-M2CC-16M934-F150-R Datasheet HTML 8Page - fujitsu semiconductor FAR-M2CC-16M934-F150-R Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
M2 Series (F150)
s
ELECTRICAL CHARACTERISTICS
Unless otherwise specified Ta = +25
°C, VCC = 5.0 V
s
MEASURMENT CIRCUIT
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Current consumption
ICC
Without load
—
5.0
10
mA
Output voltage
“H”
VOH
VIN = 2.5 V
VCC – 0.5
5.0
—
V
“L”
VOL
—0
+0.5
V
Oscillation frequency
fH
VIN = 5.0 V
+2000
—
—
ppm Nominal
frequency
reference
fL
VIN = 0.0 V
—
—
–2000
ppm
Frequency stability
∆f(VCC)
VCC = 4.75 V
to 5.25 V
VIN = 2.5 V
–150
—
+150
ppm V
CC
= 5.0 V
reference
Frequency stability
with temperature
∆f(Ta)
VIN = 2.5 V
Ta = –10 to +70
°C
–500
—
+500
ppm 25°C
reference
VCC
0.1
µF
GND
Output
CL
= 22 pF
VIN
1
4
3
2
CL includes capacitance
of probe and test fixture



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com