Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAR-C4CP-10000-M01-R Datasheet(PDF) 7 Page - fujitsu semiconductor

Part # FAR-C4CP-10000-M01-R
Description  Piezoelectric Resonator (4 to 16 MHz)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-C4CP-10000-M01-R Datasheet(HTML) 7 Page - fujitsu semiconductor

  FAR-C4CP-10000-M01-R Datasheet HTML 1Page - fujitsu semiconductor FAR-C4CP-10000-M01-R Datasheet HTML 2Page - fujitsu semiconductor FAR-C4CP-10000-M01-R Datasheet HTML 3Page - fujitsu semiconductor FAR-C4CP-10000-M01-R Datasheet HTML 4Page - fujitsu semiconductor FAR-C4CP-10000-M01-R Datasheet HTML 5Page - fujitsu semiconductor FAR-C4CP-10000-M01-R Datasheet HTML 6Page - fujitsu semiconductor FAR-C4CP-10000-M01-R Datasheet HTML 7Page - fujitsu semiconductor FAR-C4CP-10000-M01-R Datasheet HTML 8Page - fujitsu semiconductor FAR-C4CP-10000-M01-R Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FAR Family (C4 series P/Q type)
s PIN ASSIGNMENT
s DIMENSIONS
(1)
(3)
(3)
(2)
(2)
(1)
Unit: mm
2.54
2.54
1.5
L1
W1
L
0.5
Size
L
L1
WW1
P
10.0
9.4
4.5
3.3
Q8.0
7.4
3.2
2.6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com