Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAR-F5CH-888M50-L2CL-R Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # FAR-F5CH-888M50-L2CL-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-F5CH-888M50-L2CL-R Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button FAR-F5CH-888M50-L2CL-R Datasheet HTML 9Page - fujitsu semiconductor FAR-F5CH-888M50-L2CL-R Datasheet HTML 10Page - fujitsu semiconductor FAR-F5CH-888M50-L2CL-R Datasheet HTML 11Page - fujitsu semiconductor FAR-F5CH-888M50-L2CL-R Datasheet HTML 12Page - fujitsu semiconductor FAR-F5CH-888M50-L2CL-R Datasheet HTML 13Page - fujitsu semiconductor FAR-F5CH-888M50-L2CL-R Datasheet HTML 14Page - fujitsu semiconductor FAR-F5CH-888M50-L2CL-R Datasheet HTML 15Page - fujitsu semiconductor FAR-F5CH-888M50-L2CL-R Datasheet HTML 16Page - fujitsu semiconductor FAR-F5CH-888M50-L2CL-R Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
13
F5CH Series (L2 type)
s TYPICAL CHARACTERISTICS (STANDARD VERSION)
1.
AMPS/ADC System (Tx)
Part number: FAR-F5CH-836M50-L2AL
S11
CH1
Cor
H1d
S21
log
MAG
5 dB/
REF 0 dB
1 : –40.04 dB
2 : – 1.4357 dB
824 MHz
3 : – 1.2749 dB
849 MHz
4 : – 37.049 dB
869 MHz
CENTER 835.000 000 MHz
SPAN 300.000 000 MHz
2
3
800. 000 000 MHz
CH1
Cor
H1d
S11
1FS
/
1 : 2.0367
Ω – 2.1456 Ω
92.72 pF
2 : 41.867
Ω
6.2012
Ω
824 MHz
3 : 62.848
Ω
–2.9512
Ω
849 MHz
4 : 29.543
Ω
–91.988
Ω
869 MHz
CENTER 835.000 000 MHz
SPAN 300.000 000 MHz
800.000 000 MHz
1
3
MU
4
CH1
Cor
H1d
SWR
M1
/
REF
1 : 24.865
CENTER 835.000 000 MHz
SPAN 300.000 000 MHz
1
23
/
1
CH2
Cor
H1d
S22
SWR
M1
/
REF
1 : 35.876
1
2
3
/
1
2 : 1.2541
824 MHz
3 : 1.2656
849 MHz
4 : 7.9517
869 MHz
800.000 000 MHz
CH2
Cor
H1d
S22
1FS
/
1 : 1.4138
Ω
–5.291
Ω
37.6 pF
2 : 40.07
Ω
3.6855
Ω
824 MHz
3 : 62.604
Ω
– 6.2891
Ω
849 MHz
4 : 28.152
Ω
– 95.176
Ω
869 MHz
CENTER 835.000 000 MHz
SPAN 300.000 000 MHz
800.000 000 MHz
1
3
MU
4
2
2
2 : 1.2682
824 MHz
3 : 1.2867
849 MHz
4 : 8.7297
869 MHz
4
800.000 000 MHz
4
4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com